Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSG0810NDI Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSG0810NDI
Description  Pb-free lead plating; RoHS compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSG0810NDI Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSG0810NDI Datasheet HTML 1Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 2Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 3Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 4Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 5Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 6Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 7Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 8Page - Infineon Technologies AG BSG0810NDI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BSG0810NDI
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
Q1 C iss
-
770
1040
pF
Q2
-
2300
3100
Output capacitance
Q1 C oss
-
390
520
Q2
-
1400
1900
Reverse transfer capacitance
Q1 Crss
-
33
-
Q2
-
110
-
Turn-on delay time
Q1 t d(on)
-
4.3
ns
Q2
-
5.1
-
Rise time
Q1 t r
-
4.7
-
Q2
-
4.0
-
Turn-off delay time
Q1 t d(off)
-
4.3
-
Q2
-
8
-
Fall time
Q1 t f
-
1.4
-
Q2
-
2.4
-
Gate Charge Characteristics
Gate to source charge
Q1 Q gs
-
2.2
-
nC
Gate to drain charge
Q gd
-
1.6
-
Gate charge total
Q g
-
5.6
8.4
Gate plateau voltage
V plateau
-
2.9
-
V
Gate to source charge
Q2 Q gs
-
5.9
-
nC
Gate to drain charge
Q gd
-
4.2
-
Gate charge total
Q g
-
16
25
Gate plateau voltage
V plateau
-
2.6
-
V
Output charge
Q1 Q oss
-
8
-
nC
Q2
-
26
-
3) 8 Layers copper 70μm thickness. PCB in still air
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 μm thick) copper area for drain
connection. PCB is vertical in still air.
Values
V GS=0 V,
V DS= 12 V, f =1 MHz
V IN=12 V,
V DRV=5 V,
F SW=500 KHz,
I OUT=30 A
5)
V DD=12 V,
I D=20 A,
V GS=0 to 4.5 V
V DD=12 V, V GS=0 V
Rev.2.0.1
page 3
2015-08-21


Similar Part No. - BSG0810NDI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSG0810NDI INFINEON-BSG0810NDI Datasheet
382Kb / 14P
   Power Block
Rev.2.1 2016-03-08
BSG0810NDI INFINEON-BSG0810NDI_16 Datasheet
382Kb / 14P
   Power Block
Rev.2.1 2016-03-08
More results

Similar Description - BSG0810NDI

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com