Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700D227912-409 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 700D227912-409
Description  700D227912-409
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

700D227912-409 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  700D227912-409 Datasheet HTML 1Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 2Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 3Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Ring Film CapacitorsTM
At the Leading Edge of Film Capacitor Technology®
SBE Part 700D227912-409
SBE reserves the right to amend design data
Power Ring Film Capacitor™
225 µF, 1200 Vdc
The 700D227912-409 Power Ring is a
1200Vdc, 225 µF DC Link Capacitor with
an ESR of 250 micro-Ohms at 20kHz and
an ESL of less than 5nH.
Electrical Specifications
SBE Part #:
700D227912-409
Capacitance/Tolerance: 225 µF ±10%
DC Voltage Rating:
1200 Vdc
Dielectric/Construction: Metallized polypropylene.
Singlesectiondesign
Dielectric Withstand: Units 100% tested at DC
potentialof1500Voltsfortwo
minutes at 25°C
Typical ESR vs. Frequency:
ESL:
Less than 5 nH in a suitable
laminar bus structure
Operating Temperature: -40°C to +85°Catfull
DCvoltagerating
Voltage, Temperature ContactSBEforapplications
De-rating:
above 85°C
System Fault Current 7,500 Amps maximum
Rating (external to the
capacitor):
RMS Current Rating:
0
0.5
1
1.5
2
2.5
3
3.5
0.01
0.1
1
10
100
Frequency, KHz
Typical 700D409 ESR vs Frequency
0
100
200
300
400
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100 105
Case Temperature (oC)
Case Side Cooling Only
Case and Bus Side Cooling
700D409 with 20 kHz ripple current
Temperature rise due to capacitor losses only
Bus heat load NOT included


Similar Part No. - 700D227912-409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700D21799-406 ETC2-700D21799-406 Datasheet
263Kb / 3P
   Power Ring Film Capacitors?
More results

Similar Description - 700D227912-409

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
40903034001 MACOM-40903034001 Datasheet
174Kb / 2P
   Power PCB Relay 409
logo
PHOENIX CONTACT
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
   LED enclosure light - PLD E 409 W 350
Nov 16, 2022
1319573 PHOENIX-1319573 Datasheet
498Kb / 9P
   LED enclosure light - PLD E 409 W 350 MS
Nov 16, 2022
logo
Vishay Siliconix
DG508A-MIL VISHAY-DG508A-MIL Datasheet
177Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
ATGBICS by Approved Tec...
409-10140-C ATGBICS-409-10140-C Datasheet
366Kb / 10P
   409-10140 Dell Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
ON Semiconductor
NTMFS0D7N03CG ONSEMI-NTMFS0D7N03CG Datasheet
218Kb / 7P
   MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.65 m, 409 A
June, 2021 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com