Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF46F Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF46F
Description  UBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF46F Datasheet(HTML) 1 Page - Hongfa Technology

  HF46F Datasheet HTML 1Page - Hongfa Technology HF46F Datasheet HTML 2Page - Hongfa Technology HF46F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ciikhq5 977fW
Ge^\mkb\Ze ^g]nkZg\^
Ehbe ihp^k
JONIHC RGLCY
Hbe^ Nh5AG8:;<8>
1EBOPMEN
>:
KSO@7783 KSO6TS8=@;@ 3 KSO8;7783 OJSCS8?7783 KGEQ QE 7?7777 EGRTKHKGF
978< R^o5 8577
<C 89<VCE69<7VCE Zm ?<hE
<C 9>>VCE6:7VFE Zm ?<hE
:C 89<VCE69<7VCE Zm ?<hE
:C 9>>VCE6:7VFE Zm ?<hE
C`Nb
C`SgO9
<C 89<VCE69<7VCE Zm ?<hE
<C 9>>VCE6:7VFE Zm ?<hE
:C 89<VCE69<7VCE Zm ?<hE
:C 9>>VCE6:7VFE Zm ?<hE
D:77
R:77
Hbe^ Nh5A;779<98<
Hbe^ Nh5AEQE7?77879;@:9
Fb^e^\mkb\
lmk^g`ma
Sah\d k^lblmZg\^ 80
87dV /859 6 <7vl0
PeZlmb\ l^Ze^]
<C 9<7VCE6:7VFE Zm ?<hE
<C 9<7VCE6:7VFE Zm ?<hE
C`Nb
C`SgO9
7KOEN+ 80 Cee oZen^l ngli^\b_b^] Zk^ Zm khhf m^fi^kZmnk^5
90 Oger mrib\Ze ehZ]l Zk^ eblm^] Z[ho^5 Oma^k ehZ] li^\b_b\Zmbhgl
\Zg [^ ZoZbeZ[e^ nihg k^jn^lm5
8q87<OPS /<C 9<7VCE3 R^lblmbo^ ehZ]3
C`Nb3 Zm ?<hE3 8l hg 8l h__0
<q87;OPS /<C 9<7VCE3 R^lblmbo^ ehZ]3
C`SgO93Zm?<hE3 :l hg :l h__0
:C 9<7VCE6:7VFE
<C 9<7VCE6:7VFE
9>>VCE 6 :7VFE
MZq5 lpbm\abg` ohemZ`^
MZq5 lpbm\abg` \nkk^gm
MZq5 lpbm\abg` ihp^k
M^\aZgb\Ze ^g]nkZg\^
<C
Snk`^ ohemZ`^
/[^mp^^g \hbe . \hgmZ\ml0
Oi^kZm^ mbf^ /Zm ghfb5 ohem50
R^e^Zl^ mbf^ /Zm ghfb5 ohem50
Hng\mbhgZe
F^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^ 80
Jnfb]bmr
Cf[b^gm m^fi^kZmnk^
T^kfbgZmbhg
Ugbm p^b`am
Ehglmkn\mbhg
8777M /Zm <77VFE0
;777VCE 8fbg
8777VCE 8fbg
EhgmZ\m kZmbg`
/R^l5 ehZ]0
EhgmZ\m fZm^kbZe
EhgmZ\m ZkkZg`^f^gm
8:?<VC 6 8<7W
<q 87=OPS
31~*1
8C
877f fZq5 /Zm 8C =VFE0
C`SgO93 C`Nb
.87<,.< /,<,
EhgmZ\m k^lblmZg\^
;=-6474,<=:0 47<0:60/4,<0 98?0: :05,A
.845
;,10<A ,99:8>,5 :,<472;
U <C lpbm\abg` \ZiZ[bebmr
U 87dV bfinel^ pbmalmZg] ohemZ`^
/[^mp^^g \hbe Zg] \hgmZ\ml0
U M^^ml VFG 7=:8 k^bg_hk\^ bglneZmbhg
U Jb`aer ^__b\b^gm fZ`g^mb\ \bk\nbm _hk
ab`a l^glbmbobmrA977fW
U Gqmk^f^er lfZee _hhmikbgm nmbebsbg` PED Zk^Z
U UL bglneZmbhg lrlm^fAEeZll H ZoZbeZ[e^
U Ggobkhgf^gmZe _kb^g]er ikh]n\m /RhJS \hfiebZgm0
U Onmebg^ Fbf^glbhglA/975< q >59 q 8<5:0 ff
NhfbgZe
VhemZ`^
VFE
Ehbe
R^lblmZg\^
Pb\d4ni
VhemZ`^
VFE
fZq5
Fkhi4hnm
VhemZ`^
VFE
fbg5
MZq5
VhemZ`^
VFE 1
.845 /,<,
<
=
@
89
8?
9;
:5><
;5<7
=5><
@577
8:5<
8?57
759<
75:7
75;<
75=7
75@7
8597
:
959<
758?
Zm 9:
89<q/8 87-0
8?7q/8 87-0
;7<q/8 87-0
>97q/8 87-0
8=97 q /8 87-0
9??7 q /8 87-0
;<q/8 87-0
=5<7
>5?7
885>
8<5=
9:5;
:859
:5@7
=5|.=5
>/0
KglneZmbhg k^lblmZg\^
D^mp^^g \hbe . \hgmZ\ml
D^mp^^g hi^g \hgmZ\ml
87fl fZq5
87fl fZq5
@?f6l9
@?7f6l9
87Js mh <<Js 85<ff FC
<- mh ?<- RJ
4;7 mh ?<
PED
Ciikhq5 :`
.3,:,.<0:4;<4.;
7KOEN+ 1 MZqbfnf ohemZ`^ k^_^kl mh ma^ fZqbfnf ohemZ`^ pab\a k^eZr
\hbe \hne] ^g]nk^ bg Z lahkm i^kbh] h_ mbf^5
>
/0
7KOEN+ 80 Sah\d fZe_ng\bmhgA;@f6l9 _hk ma^ e^g`ma ]bk^\mbhg5
Vb[kZmbhgA87Js mh <<Js 8ff FC _hk ma^ e^g`ma ]bk^\bmhg5
90 Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l5
:0 UL bglneZmbhg lrlm^fAEeZll H3 EeZll D5


Similar Part No. - HF46F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G HONGFA-HF46F-G Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G HONGFA-HF46F-G Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G/003-H1GXXX HONGFA-HF46F-G/003-H1GXXX Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G/003-H1TGXXX HONGFA-HF46F-G/003-H1TGXXX Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF46F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF32FV-G HONGFA-HF32FV-G_17 Datasheet
65Kb / 3P
   SUBMINUATURE INTERMEDIATE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com