Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3253 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3253
Description  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3253 Datasheet(HTML) 3 Page - Texas Instruments

  LM3253_15 Datasheet HTML 1Page - Texas Instruments LM3253_15 Datasheet HTML 2Page - Texas Instruments LM3253_15 Datasheet HTML 3Page - Texas Instruments LM3253_15 Datasheet HTML 4Page - Texas Instruments LM3253_15 Datasheet HTML 5Page - Texas Instruments LM3253_15 Datasheet HTML 6Page - Texas Instruments LM3253_15 Datasheet HTML 7Page - Texas Instruments LM3253_15 Datasheet HTML 8Page - Texas Instruments LM3253_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM3253
www.ti.com
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
Pin Descriptions
Pin #
Name
Description
A1
PGND
Power Ground to the internal NFET switch.
B1
C1
SGND
Signal Analog and Control Ground (Low Current).
D1
VDD
Analog Supply Input.
A2
Switching Node connection to the internal PFET switch and NFET synchronous rectifier. Connect
SW
to an inductor with a saturation current rating that exceeds the ILIM,PFET,Steady State Current Limit
B2
specification of the LM3253.
Enable Input. Set this digital input HIGH for normal operation. For shutdown, set low. Pin has an
C2
EN
800 k
Ω internal pulldown resistor.
D2
VCON
Voltage Control Analog input. VOUT = 2.5 x VCON.
A3
PVIN
Power Supply Voltage Input to the internal PFET switch and ACB.
B3
Bypass Mode Input. Set the pin HIGH for forced Bypass mode operation. Set the pin LOW for
C3
BP
automatic Analog Bypass Mode (recommended).
PWM/PFM Mode Selection Input. Setting the pin HIGH allows for PFM or PWM, depending on
D3
MODE
the load current. Setting the pin LOW forces the part to be in PWM only.
A4
ACB
Analog Current Bypass. Connect to the output at the output filter capacitor.
B4
C4
BGND
Active Current assist and analog Bypass Ground (High Current).
D4
FB
Feedback Analog Input. Connect to the output at the output filter capacitor.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3253


Similar Part No. - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

Similar Description - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com