Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3253 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3253
Description  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3253 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3253_15 Datasheet HTML 6Page - Texas Instruments LM3253_15 Datasheet HTML 7Page - Texas Instruments LM3253_15 Datasheet HTML 8Page - Texas Instruments LM3253_15 Datasheet HTML 9Page - Texas Instruments LM3253_15 Datasheet HTML 10Page - Texas Instruments LM3253_15 Datasheet HTML 11Page - Texas Instruments LM3253_15 Datasheet HTML 12Page - Texas Instruments LM3253_15 Datasheet HTML 13Page - Texas Instruments LM3253_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
20 s/DIV
IOUT
2V/DIV
1A/DIV
VCON
2V/DIV
VOUT
20 s/DIV
5 mV/DIV
VOUT
50 mA/DIV
IOUT
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
INPUT VOLTAGE (V)
20 s/DIV
IOUT
2V/DIV
500 mA/DIV
VCON
2V/DIV
VOUT
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
210
220
230
240
250
260
270
280
290
INPUT VOLTAGE (V)
LM3253
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Center-Switching Frequency vs. Supply Voltage
Quiescent Current (PFM) vs. Supply Voltage
VOUT = 2.5V, IOUT = 700mA, VIN = 3.8V
VOUT = 1V, 2.7V < VIN< 5.5V (No Load)
Figure 8.
Figure 9.
Quiescent Current (PWM) vs. Supply Voltage
VCON Transient (3G/4G)
VOUT = 2.5V, 2.7V < VIN< 5.5V (No Load)
VOUT = 0V to 3V, RLOAD = 6.8Ω, VIN = 3.8V
Figure 10.
Figure 11.
VCON Transient (2G)
Load Transient in PFM Mode
VOUT = 1.4V to 3.4V, RLOAD = 1.9Ω, VIN = 4.2V
VOUT = 1V, IOUT = 0mA to 60mA, VIN = 3.6V
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3253


Similar Part No. - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

Similar Description - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com