Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3253 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3253
Description  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3253 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3253_15 Datasheet HTML 5Page - Texas Instruments LM3253_15 Datasheet HTML 6Page - Texas Instruments LM3253_15 Datasheet HTML 7Page - Texas Instruments LM3253_15 Datasheet HTML 8Page - Texas Instruments LM3253_15 Datasheet HTML 9Page - Texas Instruments LM3253_15 Datasheet HTML 10Page - Texas Instruments LM3253_15 Datasheet HTML 11Page - Texas Instruments LM3253_15 Datasheet HTML 12Page - Texas Instruments LM3253_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2.4
2.6
2.8
3.0
3.2
3.4
3.6
INPUT VOLTAGE (V)
DROPOUT
IOUT= 1.5A
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCON (V)
2.5X GAIN
0
200
400
600
800
1000
70
75
80
85
90
95
100
LOAD CURRENT (mA)
VOUT = 1.6V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
900
1200 1500 1800 2100 2400 2700
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (mA)
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
0
20
40
60
80 100 120 140 160
60
65
70
75
80
85
90
95
100
LOAD CURRENT (mA)
VOUT = 1.0V
VOUT = 1.5V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
0
100 200 300 400 500 600 700 800
60
65
70
75
80
85
90
95
100
LOAD CURRENT (mA)
VOUT = 1.6V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
LM3253
www.ti.com
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs. Load Current
Efficiency vs. Load Current
VIN = 3.8V, IOUT = 10mA to 150mA
VIN = 3.8V, IOUT = 150mA to 750mA
Figure 2.
Figure 3.
Efficiency vs. Load Current
Efficiency vs. Load Current
VIN = 3.8V, IOUT = 100mA to 1A
VIN = 5V, IOUT = 1A to 2.5A
Figure 4.
Figure 5.
Output Voltage vs. Supply Voltage
Output Voltage vs. VCON Voltage
VOUT = 3.4V, VIN = 4.3V down to dropout
VIN = 4.2V, RLOAD = 6.8Ω, 0.16V < VCON < 1.4V
Figure 6.
Figure 7.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3253


Similar Part No. - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
High-Current Step-Down Converter
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

Similar Description - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com