Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3253 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3253
Description  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3253 Datasheet(HTML) 1 Page - Texas Instruments

  LM3253_15 Datasheet HTML 1Page - Texas Instruments LM3253_15 Datasheet HTML 2Page - Texas Instruments LM3253_15 Datasheet HTML 3Page - Texas Instruments LM3253_15 Datasheet HTML 4Page - Texas Instruments LM3253_15 Datasheet HTML 5Page - Texas Instruments LM3253_15 Datasheet HTML 6Page - Texas Instruments LM3253_15 Datasheet HTML 7Page - Texas Instruments LM3253_15 Datasheet HTML 8Page - Texas Instruments LM3253_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM3253
www.ti.com
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Check for Samples: LM3253
1
FEATURES
2
High-Efficiency PFM and PWM Modes with
DESCRIPTION
Internal Synchronous Rectification
The LM3253 is a DC-DC converter optimized for
powering multi-mode 2G/3G/4G RF power amplifiers
Analog Bypass Function with Low Dropout
(PAs) from a single Lithium-Ion cell. The LM3253
Resistance (45 m
Ω typ.)
steps down an input voltage from 2.7V to 5.5V to a
Dynamically Adjustable Output Voltage, 0.4V
dynamically adjustable output voltage of 0.4V to 3.6V.
to 3.6V (typ.), in PFM and PWM modes
The output voltage is set through a VCON analog
3A Maximum Load Current in PWM Mode
input that adjusts the output voltage to ensure
efficient operation at all power levels of the RF PA.
2.7MHz (average) PWM Switching Frequency
The
LM3253
is
optimized
for
USB
datacard
Modulated Switching Frequency to Aid Rx
applications.
Band Compliance
The LM3253 operates in constant frequency Pulse
Operates From a Single Li-ion Cell
Width Modulation (PWM) mode producing a small
(2.7V to 5.5V)
and predictable amount of output voltage ripple. This
ACB Reduces Inductor Requirements and Size
enables best ECTEL power requirements in GMSK
and EDGE spectral compliance, with the minimal
Minimum Total Solution Size by Using Small
amount of filtering and excess headroom. When
Footprint and Case Size Inductor and
operating in Pulse Frequency Modulation (PFM)
Capacitors
mode, the LM3253 enables the lowest DG09 current
16-bump Thin DSBGA Package
consumption
and
therefore
maximizes
system
Current and Thermal Overload Protection
efficiency.
The LM3253 has a unique Active Current assist and
APPLICATIONS
analog Bypass (ACB) feature to minimize inductor
size without any loss of output regulation for the
USB Datacards
entire battery voltage and RF output power range,
Cellular Phones
until dropout. ACB provides a parallel current path,
Hand-Held Radios
when needed, to limit the maximum inductor current
RF PC Cards
to 1.84A (typ.) while still driving a 3A load. The ACB
also enables operation with minimal dropout voltage.
Battery-Powered RF Devices
The LM3253 is available in a small 2 mm x 2 mm
chip-scale 16-bump DSBGA package.
When considering the use of the LM3253 in a system
design, contact the Texas Instruments Sales or Field
Application engineer for a copy of the "LM3253:
DC-DC Converter for 3G/4G RF PAs PCB Layout
Considerations.”
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

Similar Description - LM3253_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com