Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3243
Description  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3243 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3243_15 Datasheet HTML 15Page - Texas Instruments LM3243_15 Datasheet HTML 16Page - Texas Instruments LM3243_15 Datasheet HTML 17Page - Texas Instruments LM3243_15 Datasheet HTML 18Page - Texas Instruments LM3243_15 Datasheet HTML 19Page - Texas Instruments LM3243_15 Datasheet HTML 20Page - Texas Instruments LM3243_15 Datasheet HTML 21Page - Texas Instruments LM3243_15 Datasheet HTML 22Page - Texas Instruments LM3243_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
0
200
400
600
800
1000
70
75
80
85
90
95
100
LOAD CURRENT (mA)
VOUT = 1.6V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
900
1200 1500 1800 2100 2400 2700
20
30
40
50
60
70
80
90
100
LOAD CURRENT (mA)
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
0
20
40
60
80 100 120 140 160
60
65
70
75
80
85
90
95
100
LOAD CURRENT (mA)
VOUT = 1.0V
VOUT = 1.5V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
0
100 200 300 400 500 600 700 800
60
65
70
75
80
85
90
95
100
LOAD CURRENT (mA)
VOUT = 1.6V
VOUT = 2.0V
VOUT = 2.5V
VOUT = 3.0V
VOUT = 3.5V
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
8.2.3 Application Curves
VIN = 3.8 V
VIN = 3.8 V
IOUT = 150 mA To 750 mA
Figure 22. Efficiency vs. Load Current
Figure 23. Efficiency vs. Load Current
VIN = 3.8 V
IOUT = 100 mA To 1 A
VIN = 3.8 V
IOUT = 1 A To 2.5 A
Figure 24. Efficiency vs. Load Current
Figure 25. Efficiency vs. Load Current
9 Power Supply Recommendations
The LM3243 device is designed to operate from an input voltage supply range between 2.7 V and 5.5 V. This
input supply should be well-regulated and able to withstand maximum input current and maintain stable voltage
without voltage drop even at load transition condition.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3243


Similar Part No. - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com