Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3243
Description  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3243 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3243_15 Datasheet HTML 14Page - Texas Instruments LM3243_15 Datasheet HTML 15Page - Texas Instruments LM3243_15 Datasheet HTML 16Page - Texas Instruments LM3243_15 Datasheet HTML 17Page - Texas Instruments LM3243_15 Datasheet HTML 18Page - Texas Instruments LM3243_15 Datasheet HTML 19Page - Texas Instruments LM3243_15 Datasheet HTML 20Page - Texas Instruments LM3243_15 Datasheet HTML 21Page - Texas Instruments LM3243_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
EN
BP
VOUT
7 20 µs
VIN
8 30 µs
VCON
R1 = 100 k:
C1 = 1.7 pF
C2 = 9 pF
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
Figure 20. VCON Pin Equivalent CRC Circuit
8.2.2.4 EN Input Control
Use the system controller to drive the EN HIGH or LOW with a comparator, Schmitt trigger or logic gate. Set EN
= HIGH (> 1.2 V) for normal operation and LOW (< 0.5 V) for shutdown mode to reduce current consumption to
0.02-µA (typical) current.
8.2.2.5 Start-Up
The waveform Figure 21 in shows the start-up condition. First, VIN should take on a value between 2.7 V and 5.5
V. Next, EN should go HIGH (> 1.2 V). Finally, VCON should be set to a value that corresponds to the required
output voltage (VOUT = VCON × 2.5). VOUT will reach its steady-state value in less than 50 µs. To optimize the
start-up time and behavior of the output voltage, the LM3243 will always start up in PWM mode (even when
MODE = HIGH and output load current
≤ 75 mA), then seamlessly transition into PFM mode.
Figure 21. Start-Up Sequence and Conditions
18
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243


Similar Part No. - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com