Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3243
Description  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3243 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3243_15 Datasheet HTML 13Page - Texas Instruments LM3243_15 Datasheet HTML 14Page - Texas Instruments LM3243_15 Datasheet HTML 15Page - Texas Instruments LM3243_15 Datasheet HTML 16Page - Texas Instruments LM3243_15 Datasheet HTML 17Page - Texas Instruments LM3243_15 Datasheet HTML 18Page - Texas Instruments LM3243_15 Datasheet HTML 19Page - Texas Instruments LM3243_15 Datasheet HTML 20Page - Texas Instruments LM3243_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
8 30 Ps
3.4V
3.4V
3.4V
EN
VCON
VOUT
ILOAD
0V
0A
< 200 mA
8 30 Ps
7 20 Ps
7 20 Ps
7 20 Ps
1V
1.7A
7 20 Ps
VCON = 0.4V
LM3243
VDD
SW
FB
EN
VCON
PGND
SGND
BP
ACB
GPIO
GPIO
MODE
PDM Output
DAC
PVIN
VOUT
VIN
10 µF
10 µF
4.7 µF
1.5 µH
BGND
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
Figure 18. Dynamic Adjustment of Output Voltage With DAC or PDM
8.2.2.3.2
PDM-Based VCON Signal
Figure 18 shows the application circuit that enables the LM3243 to dynamically adjust the output voltage using a
GPIO pin from the system controller. Figure 19 shows the waveforms when adjusted dynamically. The PDM
signal of the GPIO is filtered using a low-pass filter and fed to the VCON pin. As the bitstream of the PDM signal
changes, the voltage on the VCON pin changes. Thus, the GPIO pin can be used to dynamically adjust the
output voltage. The double low-pass filter reduces the ripple at VCON to avoid any excessive VCON-induced
ripple at the output voltage.
Figure 19. Dynamic Adjustment of Output Voltage With GPIO
8.2.2.3.3
VCON Pin
Figure 20 shows the equivalent CRC circuit for the VCON pin. This circuit is internal to the part and should be
taken into consideration when driving this pin.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3243


Similar Part No. - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
4G/3G/2G HIGH GAIN
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com