Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3243
Description  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3243 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3243_15 Datasheet HTML 12Page - Texas Instruments LM3243_15 Datasheet HTML 13Page - Texas Instruments LM3243_15 Datasheet HTML 14Page - Texas Instruments LM3243_15 Datasheet HTML 15Page - Texas Instruments LM3243_15 Datasheet HTML 16Page - Texas Instruments LM3243_15 Datasheet HTML 17Page - Texas Instruments LM3243_15 Datasheet HTML 18Page - Texas Instruments LM3243_15 Datasheet HTML 19Page - Texas Instruments LM3243_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
The ACB circuit automatically adjusts its output current to keep the steady-state inductor current below the
steady-state peak current limit. Thus, the inductor RMS current will effectively always be less than the
ILIM,PFET,SteadyState during the transmit burst. In addition, as in the case with 2G where the output current comes in
bursts, the effective overall RMS current would be much lower.
For good efficiency, the inductor’s resistance should be less than 0.2
Ω; low DCR inductors (< 0.2 Ω) are
recommended. Table 3 suggests some inductors and suppliers.
Table 3. Suggested Inductors and Their Suppliers
MODEL
VENDOR
SIZE (mm)
ISAT −30%
DCR
DFE201610C-1R5M
TOKO
2 × 1.6 × 1
2.2 A
120 m
(1285AS-H-1R5M)
PSD20161T-1R5MS
CYNTEC
2 × 1.6 × 1
1.6 A
143 m
TFM201610-1R5M
TDK
2 × 1.6 mm × 1
2.2 A
140 m
8.2.2.2 Capacitor Selection
The LM3243 is designed to use ceramic capacitors for its input and output filters. Use a 10-µF capacitor for the
input and approximately 10-µF total output capacitance. Capacitor types such as X5R, X7R are recommended
for both filters. These provide an optimal balance between small size, cost, reliability and performance for cell
phones and similar applications. Table 4 lists suggested part numbers and suppliers. DC bias characteristics of
the capacitors must be considered while selecting the voltage rating and case size of the capacitor. Smaller case
sizes for the output capacitor mitigate piezo-electric vibrations of the capacitor when the output voltage is
stepped up and down at fast rates. However, they have a bigger percentage drop in value with DC bias. For
even smaller total solution size, 0402 case size capacitors are recommended for filtering. Use of multiple 2.2-µF
or 1-µF capacitors can also be considered. For RF Power Amplifier applications, split the output capacitor
between DC-DC converter and RF Power Amplifiers: 10 µF (COUT1) + 4.7 µF (COUT2) + 3 × 1 µF (COUT3) is
recommended. The optimum capacitance split is application dependent, and for stability the actual total
capacitance (taking into account effects of capacitor DC bias, temperature de-rating, aging and other capacitor
tolerances) should target 10 µF with 2.5-V DC bias (measured at 0.5 VRMS). Place all the output capacitors very
close to the respective device. A high-frequency capacitor (3300 pF) is highly recommended to be placed next to
COUT1.
Table 4. Suggested Capacitors And Their Suppliers
CAPACITANCE
MODEL
SIZE (W × L) (mm)
VENDOR
10 µF
GRM185R60J106M
1.6 × 0.8
Murata
10 µF
CL05A106MQ5NUN
1 × 0.5
Samsung
4.7 µF
CL05A475MQ5NRN
1 × 0.5
Samsung
1.0 µF
CL03A105MQ3CSN
0.6 × 0.3
Samsung
3300 pF
GRM022R60J332K
0.4 × 0.2
Murata
8.2.2.3 Setting The Output Voltage
8.2.2.3.1
DAC Control
An analog voltage to the VCON pin can dynamically program the output voltage from 0.4 V (typical) to 3.6 V
(typical) in both PFM and PWM modes of operation, without the need for external resistors. The output voltage is
governed by Table 5.
Table 5. Output Voltage Selection
VCON (V)
VOUT (V)
VCON = 0.16V to 1.44V
2.5 × VCON
16
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243


Similar Part No. - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com