Electronic Components Datasheet Search |
|
LM3243 Datasheet(PDF) 14 Page - Texas Instruments |
|
|
LM3243 Datasheet(HTML) 14 Page - Texas Instruments |
14 / 32 page LM3243 SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015 www.ti.com Device Functional Modes (continued) During the second portion of each cycle, the control block turns the PFET switch off, blocking current flow from the input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the NFET and to the output filter capacitor and load, which ramps the inductor current down with a slope of –VOUT/L. The output filter capacitor stores charge when the inductor current is greater than the load current and releases it when the inductor current is less than the load current, smoothing the voltage across the load. At the next rising edge of the clock, the cycle repeats. An increase of load pulls the output voltage down, increasing the error signal. As the error signal increases, the peak inductor current becomes higher, thus increasing the average inductor current. The output voltage is therefore regulated by modulating the PFET switch on-time to control the average current sent to the load. The circuit generates a duty-cycle modulated rectangular signal that is averaged using a low pass filter formed by the inductor and output capacitor. The output voltage is equal to the average of the duty-cycle modulated rectangular signal. 7.4.2 PFM Mode With MODE = HIGH, the LM3243 automatically transitions to from PWM into PFM operation if the average inductor current is less than 75 mA (typical) and VIN − VOUT > 0.6 V. The switcher regulates the fixed output voltage by transferring a fixed amount of energy during each cycle and modulating the frequency to control the total power delivered to the output. The converter switches only as needed to support the demand of the load current, therefore maximizing efficiency. If the load current should increase during PFM mode to more than 95 mA (typical), the part will automatically transition into constant frequency PWM mode. A 20 mA (typical) hysteresis window exists between PFM and PWM transitions. After a transient event, the part temporarily operates in 2.7 MHz (typical) fixed-frequency PWM mode to quickly charge or discharge the output. This is true for start-up conditions or if MODE pin is toggled LOW-to-HIGH. Once the output reaches its target output voltage, and the load is less than 75 mA (typical), then the part will seamlessly transition into PFM mode (assuming it is not in forced bypass or auto bypass condition). 7.4.3 Mode Selection Table 1 shows the LM3243 parameters for the given modes (PWM or PFM/PWM). Table 1. Parameters Under Different Modes PARAMETER/MODE PWM PFM/PWM MODE pin LOW HIGH BP pin LOW LOW Frequency at loads = 75 mA (typical) 2.7 MHz (typical) Variable Frequency at loads = 95 mA (typical) 2.7 MHz (typical) 2.7 MHz (typical) VOUT 2.5 × VCON 2.5 × VCON 75 mA (minimum in PFM) or 2.5 A (minimum in Maximum load steady state 2.5 A (min.) PWM) 7.4.4 Shutdown Mode To shut down the LM3243 pull the EN pin LOW (< 0.5 V). In shutdown mode, the current consumption is 0.02 µA (typical) and the PFET switch, NFET synchronous rectifier, reference voltage source, control and bias circuit are turned OFF. To enable LM3243 pull EN HIGH (> 1.2V ), and the mode of operation will be dependent on the voltage applied to the MODE pin. Since the LM3243 does not feature a undervoltage lock-out (UVLO) circuit, the EN pin should be set LOW to turn off the LM3243 during power up and during UVLO conditions. For cell-phone applications, the system controller determines the power supply sequence; thus, it is up to the system controller to ensure proper sequencing by using all of the available pins and functions properly. 14 Submit Documentation Feedback Copyright © 2010–2015, Texas Instruments Incorporated Product Folder Links: LM3243 |
Similar Part No. - LM3243_15 |
|
Similar Description - LM3243_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |