Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3243
Description  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3243 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3243_15 Datasheet HTML 8Page - Texas Instruments LM3243_15 Datasheet HTML 9Page - Texas Instruments LM3243_15 Datasheet HTML 10Page - Texas Instruments LM3243_15 Datasheet HTML 11Page - Texas Instruments LM3243_15 Datasheet HTML 12Page - Texas Instruments LM3243_15 Datasheet HTML 13Page - Texas Instruments LM3243_15 Datasheet HTML 14Page - Texas Instruments LM3243_15 Datasheet HTML 15Page - Texas Instruments LM3243_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SW
FB
BGND
PGND
PVIN
BP
MODE
EN
ACB
SGND
VDD
CONTROL LOGIC
DRIVER
ACB
CTL
CURRENT
SENSE
+
-
+
-
+
-
SGND
ERROR AMP.
PFM COMP.
PWM COMP.
VCON
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 ACB
The 3GPP time mask requirement for 2G requires high current to be sourced by the LM3243. These high
currents are required for a small time during transients or under a heavy load. Over-rating the switching inductor
for these higher currents would increase the solution size and will not be an optimum solution. Thus, to allow an
optimal inductor size for such a load, an alternate current path is provided from the input supply through the ACB
pin. Once the switcher current limit ILIM,PFET,SteadyState is reached, the ACB circuit starts providing the additional
current required to support the load. The ACB circuit also minimizes the dropout voltage by having the analog
bypass FET in parallel with VOUT. The LM3243 can provide up to 2.5 A (minimum) of current in bypass mode with
a 4-A (maximum) peak current limit.
7.3.2 Bypass Operation
The Bypass circuit provides an analog bypass function with very low dropout resistance (Rtot_drop = 45 mΩ
typical). When BP = LOW the part will be in automatic bypass mode which will automatically determine the
amount of bypass needed to maintain voltage regulation. When the input supply voltage to the LM3243 is
lowered to a level where the commanded duty cycle is higher than what the converter is capable of providing, the
part will go into pulse-skipping mode. The switching frequency will be reduced to maintain a low and well-
behaved output voltage ripple. The analog bypass circuit will allow the converter to stay in regulation until full
bypass is reached (100% duty cycle operation). The converter comes out of full bypass and back into analog
bypass regulation mode with a similar reverse process.
To override the automatic bypass mode, either set VCON > (VIN)/(2.5) (but less than VIN) or set BP = HIGH for
forced bypass function. Forced bypass function is valid for 2.7 V < VIN < 5.5 V.
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243


Similar Part No. - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com