Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3243
Description  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3243 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3243_15 Datasheet HTML 3Page - Texas Instruments LM3243_15 Datasheet HTML 4Page - Texas Instruments LM3243_15 Datasheet HTML 5Page - Texas Instruments LM3243_15 Datasheet HTML 6Page - Texas Instruments LM3243_15 Datasheet HTML 7Page - Texas Instruments LM3243_15 Datasheet HTML 8Page - Texas Instruments LM3243_15 Datasheet HTML 9Page - Texas Instruments LM3243_15 Datasheet HTML 10Page - Texas Instruments LM3243_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
System Characteristics (continued)
The following spec table entries are specified by design and verifications providing the component values in the Typical
System Application Diagram are used (L = 1.5 µH, DCR = 120 m
Ω, TOKO DFE201610C-1R5N, CIN = 10 µF, 6.3 V, 0402,
Samsung CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 × 1 µF + 3300 pF: 6.3 V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3 V, 0201 Samsung CL03A105MQ3CSN; 6.3 V, 01005 Murata GRM022R60J332K). These parameters
are not verified by production testing. Minimum (MIN) and maximum (MAX) values are specified over the ambient
temperature range TA = −30°C to 90°C. Typical (TYP) values are specified at PVIN = VDD = EN = 3.8 V, BP = 0 V and TA =
25°C unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT = 3 V, TR = TF = 10 µs
Load_tr
Load transient response
IOUT = 0 A to 1.2 A
40
mVpk
MODE = LOW
Maximum Duty
Maximum duty cycle
MODE = LOW
100%
Cycle
VIN = 3.2 V, VOUT = 1 V
100
160
IOUT = 10 mA, MODE = HIGH
PFM_Freq
Minimum PFM frequency
kHz
VIN = 3.2 V, VOUT = 0.5 V
34
55
IOUT = 5 mA, MODE = HIGH
6.7 Timing Requirements
MIN
MAX
UNIT
tSETUP
Time for SW pin to become active upon power up; EN = LOW-to-HIGH
30
µs
Turnon time (time for output to reach 90% of final value after EN LOW-to-HIGH
tON
transition)
50
µs
EN = LOW-to-HIGH, VIN = 4.2 V, VCON = 1.36 V, VOUT = 3.4 V, IOUT ≤ 1 mA
Time for VOUT to rise from 0 V to 3 V (90% or 2.7 V);
20
VIN = 4.2 V, RLOAD = 6.8 Ω, VCON = 0 V to 1.2 V
Time for VOUT to fall from 3.6 V to 2.6 V (10% or 2.7 V)
20
VIN = 4.2 V, RLOAD = 6.8 Ω, VCON = 1.44 V to 1.04 V
Time for VOUT to rise from 1.8 V to 2.8 V (90% or 2.7 V)
15
VIN = 4.2 V, RLOAD = 1.9 Ω, VCON = 0.72 V to 1.12 V
tRESPONSE
µs
Time for VOUT to fall from 2.8 V to 1.8 V (10% or 1.9 V)
15
VIN = 4.2 V, RLOAD = 1.9 Ω, VCON = 1.12 V to 0.72 V
Time for VOUT to rise from 0 V to 3.4 V (90% or 3.1 V)
20
VIN = 4.2 V, RLOAD = 1.9 Ω, VCON = 0 V to 1.36 V
Time for VOUT to fall from 3.4 V to 0.4 V (10% or 0.7 V)
20
VIN = 4.2 V, RLOAD = 1.9 Ω, VCON = 1.36 V to 0.16 V
Time for VOUT to rise from 0 V to PVIN after BP LOW-to-HIGH transition (90%)
tBypass
20
µs
VCON = 0 V, IOUT ≤ 1 mA
Bypass turnon time. Time for VOUT to rise from 0 V to PVIN after EN LOW-to-
tBypass, ON
HIGH transition (90% or 3.24)
50
µs
EN = VIN= 3.8 V, IOUT ≤ 1 mA
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3243


Similar Part No. - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com