Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3243 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3243
Description  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3243 Datasheet(HTML) 5 Page - Texas Instruments

  LM3243_15 Datasheet HTML 1Page - Texas Instruments LM3243_15 Datasheet HTML 2Page - Texas Instruments LM3243_15 Datasheet HTML 3Page - Texas Instruments LM3243_15 Datasheet HTML 4Page - Texas Instruments LM3243_15 Datasheet HTML 5Page - Texas Instruments LM3243_15 Datasheet HTML 6Page - Texas Instruments LM3243_15 Datasheet HTML 7Page - Texas Instruments LM3243_15 Datasheet HTML 8Page - Texas Instruments LM3243_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
6.4 Thermal Information
LM3243
THERMAL METRIC(1)
TMD (DSBGA)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
50
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise noted, all specifications apply to Typical System Application Diagram with: PVIN = VDD = EN = 3.8 V,
BP = 0 V. All typical (TYP) limits apply for TA = TJ = 25°C, and all minimum (MIN) and maximum (MAX) apply over the full
operating ambient temperature range (
−30°C ≤ TA = TJ ≤ +90°C), unless otherwise specified.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback voltage at low
VFB, LOW
VCON = 0.16 V, MODE = LOW (3)
0.35
0.40
0.45
V
setting
Feedback voltage at high
VCON = 1.44 V, VIN = 3.9 V,
VFB, HIGH
3.492
3.6
3.708
V
setting
MODE = LOW(3)
ISHDN
Shutdown supply current
EN = SW = VCON = 0 V(4)
0.02
4
µA
No switching(5)
Iq_PFM
DC bias current into VDD
260
310
µA
MODE = HIGH
No switching(5)
Iq_PWM
DC bias current into VDD
975
1100
µA
MODE = LOW
Positive transient peak
ILIM,PFET,Transient
VCON = 0.6 V(6)
1.9
2.1
A
current limit
Positive steady-state peak
VACB = 3.05 V
ILIM,PFET,Steady State
1.34
1.45
1.65
A
current limit
VCON = 0.6 V(6)
Positive active current assist
ILIM, P_ACB
VCON = 0.6 V, VACB = 2.8 V(6)
1.4
1.7
2
A
peak current limit
NFET switch negative peak
ILIM, NFET
VCON = 1 V(6)
−1.69
−1.50
−1.31
A
current limit
Average Internal oscillator
FOSC
VCON = 1 V
2.43
2.7
2.97
MHz
frequency
VIH
Logic HIGH input threshold
BP, EN, MODE
1.2
V
VIL
Logic LOW input threshold
BP, EN, MODE
0.5
V
IEN
EN pin pulldown current
EN = 3.6 V
0
5
10
µA
IIN
Pin input current
BP, MODE
–1
1
µA
IVCON
VCON pin leakage current
VCON = 1 V
–1
1
µA
Gain
VCON to VOUT Gain
0.16 V
≤ VCON ≤ 1.44 V(7)
2.5
V/V
(1)
All voltages are with respect to the potential at the GND pins. The LM3243 is designed for mobile phone applications where turnon after
power up is controlled by the system controller and where requirements for a small package size overrule increased die size for internal
undervoltage lock-out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin LOW until the input voltage exceeds
2.7 V.
(2)
Minimum and Maximum limits are specified by design, test, or statistical analysis.
(3)
The parameters in the electrical characteristics table are tested under open loop conditions at PVIN = VDD = 3.8 V. For performance
over the input voltage range and closed-loop results, refer to the datasheet curves.
(4)
Shutdown current includes leakage current of PFET.
(5)
Iq specified here is when the part is not switching. For operating input current at no load, refer to datasheet curves.
(6)
Current limit is built-in, fixed, and not adjustable.
(7)
Linearity limits are ±3% or ±50 mV, whichever is larger.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3243


Similar Part No. - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Similar Description - LM3243_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Taoglas antenna solutio...
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
Worldwide 4G Bands including 3G and 2G
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
4G/3G/2G HIGH GAIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com