Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA6 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFA6
Description  SAFETY RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFA6 Datasheet(HTML) 2 Page - Hongfa Technology

  HFA6 Datasheet HTML 1Page - Hongfa Technology HFA6 Datasheet HTML 2Page - Hongfa Technology HFA6 Datasheet HTML 3Page - Hongfa Technology HFA6 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
75
<>34>8;6 8;5<>:0@8<;
<A@98;4 38:4;?8<;?| C8>8;6 3806>0: 0;3 =2 1<0>3 90E<A@
Nmldaf] Dae]fkagfk
Vajaf_ DaY_jYe
.Bgllge na]o/
OCB KYqgml
.Bgllge na]o/
-7~3/ :MN06MC
,7*3/ 9MN07MC
+7+3/ 8MN08MC
2OKL UOLSFJI
@VPI
2ONSFGS MFSIQKFL
@/ A_RfN7
;1 >1 671 6=1 791 8;1 9=UDC
2ONSFGS PLFSKNJ
6/ Ggd\ hdYl]\
2ONSFGS FQQFNJIMINS
HFA; 4
79
S
2:H6D
.WWW/
GF
8NRTLFSKON GLFRR
5/ CdYkk F
;KL/ CdYkk B
Tfal? ee
HFA; 4 ee 2 :H6DSe . eee/
O
O \aj][lagf
7/ CgflY[l ak j][gee]f\]\ ^gj kmalYZd] [gf\alagf Yf\ kh][a^a[Ylagfk a^ oYl]j [d]Yfaf_ gj kmj^Y[] hjg[]kk ak afngdn]\ af Ykk]eZdaf_ j]dYqk
gf OCB3
?PIGKFL GOHI9/
DDD/ Cmklge]j kh][aYd j]imaj]e]fl
;KL/ RlYf\Yj\
9/ S`] [mklge]j kh][aYd j]imaj]e]fl ]phj]kk Yk kh][aYd [g\] Y^l]j ]nYdmYlaf_ Zq Hgf_^Y3
:5 eYp
:35=
:35=
66398
683><
:35=
:35=
69
68 65
>
;
:
7
67
66
9
<
=8
6
0
2
53; 536:
69
2v63;
:35= :35= :35=
66398
683>:
:35=
;OSIR/ 6/ Fdmp2hjgg^]\ j]dYqk [Yf fgl Z] mk]\ af l`] ]fnajgfe]fl oal` hgddmlYflk dac] H7R1 RN71MN71 \mkl1 ]l[3
8/ Fgj _gd\ hdYl]\ lqh]1 l`] eaf3 koal[`af_ [mjj]fl Yf\ eaf3 koal[`af_ ngdlY_] ak 65eA :UDC3


Similar Part No. - HFA6

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
HFA6/12-3H3DTGF HONGFA-HFA6/12-3H3DTGF Datasheet
82Kb / 4P
   SAFETY RELAY
HFA6/12-4H2DTGF HONGFA-HFA6/12-4H2DTGF Datasheet
82Kb / 4P
   SAFETY RELAY
HFA6/12-5H1DTGF HONGFA-HFA6/12-5H1DTGF Datasheet
82Kb / 4P
   SAFETY RELAY
HFA6/18-3H3DTGF HONGFA-HFA6/18-3H3DTGF Datasheet
82Kb / 4P
   SAFETY RELAY
More results

Similar Description - HFA6

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
   Safety Relay SR2M
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
   Safety Relay Unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com