Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-837J Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-837J
Description  Jam Nut Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-837J Datasheet(HTML) 2 Page - Glenair, Inc.

  240-837J Datasheet HTML 1Page - Glenair, Inc. 240-837J Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-77
Dimensions in inches (millimeters) and are subject to change without notice.
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
240-837J
MIL-DTL-83723 Series III Type
Jam Nut Receptacle, Threaded Coupling
Table I: Connector Class
Sym
Material
Finish Description
ME
Aluminum
Electroless Nickel
MT
Ni-PTFE 1000 Hour Grey™ Nickel Fluorocarbon Polymer
NF
Cadmium O.D. Over Electroless Nickel
ZL
Stainless Steel Electro-Deposited Nickel
ZN
Aluminum
Zinc-Nickel, Olive Drab
ZR
Aluminum
Zinc Nickel, Black - RoHS
H2*
Stainless Steel Electro-Deposited Nickel
*Some dimensions do not apply. See drawing 240-837JH2
TABLE III: Dimensions
Shell
Size
A SQ.
Ø B
C Thread
UNEF-2A
D Thread -2A
E Thread -2A
8
.980 (24.9)
.949 (24.1)
1.078 (27.4)
1.047 (26.6)
.562-24
.625-20 UN
.500-20 UNF
10
1.104 (28.0)
1.073 (27.3)
1.192 (30.3)
1.161 (29.5)
.688-24
.750-20 UNEF
.625-24 UNEF
12
1.291 (32.8)
1.260 (32.0)
1.380 (35.1)
1.349 (34.3)
.875-20
.938-20 UNEF
.750-20 UNEF
14
1.391 (35.3)
1.360 (34.5)
1.561 (39.6)
1.485 (37.7)
.938-20
1.000-20 UNEF
.875-20 UNEF
16
1.516 (38.5)
1.485 (37.7)
1.641 (41.7)
1.610 (40.9)
1.062-18
1.125-18 UNEF
1.000-20 UNEF
18
1.641 (41.7)
1.610 (40.9)
1.766 (44.9)
1.735 (44.1)
1.188-18
1.250-18 UNEF
1.062-18 UNEF
20
1.766 (44.9)
1.735 (44.1)
1.954 (49.6)
1.923 (48.8)
1.312-18
1.375-18 UNEF
1.188-18 UNEF
22
1.954 (49.6)
1.923 (48.8)
2.078 (52.8)
2.047 (52.0)
1.438-18
1.500-18 UNEF
1.312-18 UNEF
24
2.079 (52.8)
2.048 (52.0)
2.182 (55.4)
2.152 (54.7)
1.562-18
1.625-18 UNEF
1.438-18 UNEF
Table II: Capacitor Array Code Capacitance Range
Class
Pi - Circuit (pF)
C - Circuit (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
J
70-120
35-60
* Filter Classes X, Y and Z are 250 VDC.
All others are 500 VDC


Similar Part No. - 240-837J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-837-AH214-04PS GLENAIR-240-837-AH214-04PS Datasheet
357Kb / 2P
Connector Adapter
240-837-AH214-04SP GLENAIR-240-837-AH214-04SP Datasheet
357Kb / 2P
Connector Adapter
240-837-AM14-04PS GLENAIR-240-837-AM14-04PS Datasheet
357Kb / 2P
Connector Adapter
240-837-AM14-04SP GLENAIR-240-837-AM14-04SP Datasheet
357Kb / 2P
Connector Adapter
240-837-AMT14-04PS GLENAIR-240-837-AMT14-04PS Datasheet
357Kb / 2P
Connector Adapter
More results

Similar Description - 240-837J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-264JM16-26PSPY GLENAIR-240-264JM16-26PSPY Datasheet
366Kb / 2P
Jam Nut Receptacle
240-381JM15-35PS GLENAIR-240-381JM15-35PS Datasheet
353Kb / 2P
Jam Nut Receptacle
240-382JH215-35 GLENAIR-240-382JH215-35 Datasheet
350Kb / 2P
Jam Nut Receptacle
240-382JM15-35PS GLENAIR-240-382JM15-35PS Datasheet
349Kb / 2P
Jam Nut Receptacle
240-382J GLENAIR-240-382J Datasheet
99Kb / 2P
Jam Nut Receptacle
240-383J GLENAIR-240-383J Datasheet
118Kb / 2P
Jam Nut Receptacle
240-384J GLENAIR-240-384J Datasheet
117Kb / 2P
Jam Nut Receptacle
240-515J GLENAIR-240-515J Datasheet
94Kb / 2P
MS3454 Jam Nut Receptacle
240-838J GLENAIR-240-838J Datasheet
102Kb / 2P
Jam Nut Receptacle
257-333 GLENAIR-257-333 Datasheet
404Kb / 2P
Hermetic Jam Nut Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com