Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5120 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5120
Description  DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5120 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5120_15 Datasheet HTML 3Page - Texas Instruments TPS5120_15 Datasheet HTML 4Page - Texas Instruments TPS5120_15 Datasheet HTML 5Page - Texas Instruments TPS5120_15 Datasheet HTML 6Page - Texas Instruments TPS5120_15 Datasheet HTML 7Page - Texas Instruments TPS5120_15 Datasheet HTML 8Page - Texas Instruments TPS5120_15 Datasheet HTML 9Page - Texas Instruments TPS5120_15 Datasheet HTML 10Page - Texas Instruments TPS5120_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPS5120
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SLVS278E – AUGUST 2000 – REVISED MARCH 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 1. Logic Chart
5V_STBY
STBY1
STBY2
SMPS1
SMPS2
5 V REGULATOR
POWERGOOD
L
L
L
Disable
Disable
Disable
Disable
L
L
H
Disable
Enable
Enable
Active†
L
H
L
Enable
Disable
Enable
Active†
L
H
H
Enable
Enable
Enable
Active
H
L
L
Disable
Disable
Enable
L
H
L
H
Disable
Enable
Enable
Active†
H
H
L
Enable
Disable
Enable
Active†
H
H
H
Enable
Enable
Enable
Active
† PG is set high during a softstart.
POWERGOOD timing sequence
POWERGOOD
STBY1
STBY2
INV1
INV2
H
L
H
L
H
L
0.91 V
0.85 V
0.78 V
0 V
0.91 V
0.85 V
0.78 V
0 V
TSS
During a softstart, this channel’s powergood comparator output is fixed low (POWERGOOD output is high).


Similar Part No. - TPS5120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com