Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-381J Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-381J
Description  MIL-DTL-38999 Series I Type Filter Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-381J Datasheet(HTML) 2 Page - Glenair, Inc.

  240-381J Datasheet HTML 1Page - Glenair, Inc. 240-381J Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-11
Dimensions in inches (millimeters) and are subject to change without notice.
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
240-381J
MIL-DTL-38999 Series I Type Filter Connector
Jam Nut Receptacle
Table I: Connector Class
Sym
Class
Material
Finish Description
ME
Environmental
Aluminum
Electroless Nickel
MT
Environmental
Aluminum
Ni-PTFE 1000 Hour Grey™
Nickel Fluorocarbon Polymer
NF
Environmental
Aluminum
Cadmium O.D. Over Electroless Nickel
ZL
Environmental
Stainless Steel Electro-Deposited Nickel
ZN
Environmental
Aluminum
Zinc-Nickel, Olive Drab
ZR
Environmental
Aluminum
Zinc Nickel, Black - RoHS
H2*
Hermetic
Stainless Steel Electro-Deposited Nickel
*Some dimensions do not apply. See drawing 240-381JH2
Table III: Dimensions
Shell
Size
A
+.000 (.00)
-.010 (.25)
B
±.016 (.40)
Ø C
±.016 (.40)
D
+.011 (.28)
-.010 (.25)
E Thread
UNEF-2A
F Thread
UNEF-2A
9
.655 (16.6)
1.062 (27.0)
1.188 (30.2)
.109 (2.8)
.6875-24
.5625-24
11
.755 (19.2)
1.250 (31.8)
1.375 (34.9)
.109 (2.8)
.8125-20
.6875-24
13
.942 (23.9)
1.375 (34.9)
1.500 (38.1)
.109 (2.8)
1.0000-20
.8125-20
15
1.066 (27.1)
1.500 (38.1)
1.625 (41.3)
.109 (2.8)
1.1250-18
.9375-20
17
1.191 (30.3)
1.625 (41.3)
1.750 (44.5)
.109 (2.8)
1.2500-18
1.0625-18
19
1.316 (33.4)
1.812 (46.0)
1.938 (49.2)
.140 (3.6)
1.3750-18
1.0625-18
21
1.441 (36.6)
1.938 (49.2)
2.062 (52.4)
.140 (3.6)
1.5000-18
1.1875-18
23
1.566 (39.8)
2.062 (52.4)
2.188 (55.6)
.140 (3.6)
1.6250-18
1.3125-18
25
1.691 (43.0)
2.188 (55.6)
2.312 (58.7)
.140 (3.6)
1.7500-18
1.4375-18
Table IV: PC Tail Dia
Contact
Size
Ø U
22D
.021 (0.53)
.018 (0.46)
20
.031 (0.79)
.029 (0.74)
16
.042 (1.07)
.038 (0.97)
12
.096 (2.44)
.092 (2.34)
Table II: Capacitor Array Code Capacitance Range
Class
Pi - Circuit (pF)
C - Circuit (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
J
70-120
35-60
* Filter Classes X, Y and Z are 250 VDC.
All others are 500 VDC


Similar Part No. - 240-381J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381JM15-35PP GLENAIR-240-381JM15-35PP Datasheet
353Kb / 2P
   Jam Nut Receptacle
240-381JM15-35PS GLENAIR-240-381JM15-35PS Datasheet
353Kb / 2P
   Jam Nut Receptacle
240-381JM15-35SP GLENAIR-240-381JM15-35SP Datasheet
353Kb / 2P
   Jam Nut Receptacle
240-381JM15-35SS GLENAIR-240-381JM15-35SS Datasheet
353Kb / 2P
   Jam Nut Receptacle
240-381JMT15-35PP GLENAIR-240-381JMT15-35PP Datasheet
353Kb / 2P
   Jam Nut Receptacle
More results

Similar Description - 240-381J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
   MIL-DTL-38999 Series I
logo
Glenair, Inc.
050_304 GLENAIR-050_304 Datasheet
734Kb / 8P
   MIL-DTL-38999 type receptacle connector
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
242-383A GLENAIR-242-383A Datasheet
187Kb / 2P
   MIL-DTL-38999 Series III Type TVS Connector Adapter
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com