Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-381J Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-381J
Description  MIL-DTL-38999 Series I Type Filter Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-381J Datasheet(HTML) 1 Page - Glenair, Inc.

  240-381J Datasheet HTML 1Page - Glenair, Inc. 240-381J Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-10
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in inches (millimeters) and are subject to change without notice.
B
240-381J
MIL-DTL-38999 Series I Type Filter Connector
Jam Nut Receptacle
Note
1. “F” accessory threads for shell size 9 thru 17 are one size larger than MIL-DTL-38999 Series I
to accommodate filters
2. Other filter styles (C-L, L-C, Unbalanced Pi, Multi-Stage, Multi-Value) are available, please
consult the factory.
How To Order
Sample Part Number
240-381
J
ME 15-35 P
S
P
A
N
N
Filter Connector
MIL-DTL-38999 Series I Type
Shell Style
J = Jam Nut
Connector Class
See Table I
Insert Arrangement
IAW MIL-STD-1560. (See pages B-4 – B-5)
Contact Gender
P = Pin S = Socket
Termination
S = Solder Cup P = PC Tail
Filter Type
P = Pi Circuit C = C Circuit (See Note 2)
Capacitance
See Table II
Flange Mounting Style
N = Not Applicable
Alternate Key Position
A, B, C, D, N = Normal (See page B-5)
D38999 SERIES I TYPE JAM NUT RECEPTACLE
E Thread
B
Ø C
O-Ring
MS3186
Jam Nut
Keyway
Master
.125 (3.2) Min. Panel Thickness
Ø U
See Table IV
PC Tail
.125 (3.2) Min.
Solder Cup
.125 (3.2) Min
Flat
A
F Thread
(See Note 1)
.915 ± .005
(23.2 ± .13)
D
Full Thread
.220 (5.6) Min.
.062 (1.6) Min. Panel Thickness
1
2
3
4
5
6
1.450 (36.8) Max.
Typ
120°


Similar Part No. - 240-381J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381JM15-35PP GLENAIR-240-381JM15-35PP Datasheet
353Kb / 2P
Jam Nut Receptacle
240-381JM15-35PS GLENAIR-240-381JM15-35PS Datasheet
353Kb / 2P
Jam Nut Receptacle
240-381JM15-35SP GLENAIR-240-381JM15-35SP Datasheet
353Kb / 2P
Jam Nut Receptacle
240-381JM15-35SS GLENAIR-240-381JM15-35SS Datasheet
353Kb / 2P
Jam Nut Receptacle
240-381JMT15-35PP GLENAIR-240-381JMT15-35PP Datasheet
353Kb / 2P
Jam Nut Receptacle
More results

Similar Description - 240-381J

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
MIL-DTL-38999 Series I
logo
Glenair, Inc.
050_304 GLENAIR-050_304 Datasheet
734Kb / 8P
MIL-DTL-38999 type receptacle connector
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
242-383A GLENAIR-242-383A Datasheet
187Kb / 2P
MIL-DTL-38999 Series III Type TVS Connector Adapter
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com