Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-381A Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-381A
Description  MIL-DTL-38999 Series I Type Filter Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-381A Datasheet(HTML) 2 Page - Glenair, Inc.

  240-381A Datasheet HTML 1Page - Glenair, Inc. 240-381A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-15
Dimensions in inches (millimeters) and are subject to change without notice.
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
Table III: Dimensions
Shell
Size
Ø A Max
Ø B Max
9
.573 (14.6)
.910 (23.1)
11
.701 (17.8)
1.035 (26.3)
13
.851 (21.6)
1.210 (30.7)
15
.976 (24.8)
1.330 (33.8)
17
1.101 (28.0)
1.455 (37.0)
19
1.208 (30.7)
1.570 (39.9)
21
1.333 (33.9)
1.695 (43.1)
23
1.458 (37.0)
1.800 (45.7)
25
1.583 (40.2)
1.925 (48.9)
240-381A
MIL-DTL-38999 Series I Type Filter Connector
Connector Adapter
Table I: Connector Class
Sym
Class
Material
Finish Description
ME
Environmental
Aluminum
Electroless Nickel
MT
Environmental
Aluminum
Ni-PTFE 1000 Hour Grey™
Nickel Fluorocarbon Polymer
NF
Environmental
Aluminum
Cadmium O.D. Over Electroless Nickel
ZL
Environmental
Stainless Steel Electro-Deposited Nickel
ZN
Environmental
Aluminum
Zinc-Nickel, Olive Drab
ZR
Environmental
Aluminum
Zinc Nickel, Black - RoHS
Table II: Capacitor Array Code Capacitance Range
Class
Pi - Circuit (pF)
C - Circuit (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
J
70-120
35-60
* Filter Classes X, Y and Z are 250 VDC.
All others are 500 VDC


Similar Part No. - 240-381A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381AM15-35PSC GLENAIR-240-381AM15-35PSC Datasheet
350Kb / 2P
Connector Adapter
240-381AM15-35PSP GLENAIR-240-381AM15-35PSP Datasheet
350Kb / 2P
Connector Adapter
240-381AM15-35SPC GLENAIR-240-381AM15-35SPC Datasheet
350Kb / 2P
Connector Adapter
240-381AM15-35SPP GLENAIR-240-381AM15-35SPP Datasheet
350Kb / 2P
Connector Adapter
240-381AMT15-35PSC GLENAIR-240-381AMT15-35PSC Datasheet
350Kb / 2P
Connector Adapter
More results

Similar Description - 240-381A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
SOURIAU-SUNBANK Connect...
8LT SOURIAU-8LT Datasheet
3Mb / 64P
MIL-DTL-38999 Series I
logo
Glenair, Inc.
050_304 GLENAIR-050_304 Datasheet
734Kb / 8P
MIL-DTL-38999 type receptacle connector
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
MIL-DTL-38999 Series III Type
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
242-383A GLENAIR-242-383A Datasheet
187Kb / 2P
MIL-DTL-38999 Series III Type TVS Connector Adapter
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com