Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3401 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7A3401
Description  TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A3401 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A3401_15 Datasheet HTML 1Page - Texas Instruments TPS7A3401_15 Datasheet HTML 2Page - Texas Instruments TPS7A3401_15 Datasheet HTML 3Page - Texas Instruments TPS7A3401_15 Datasheet HTML 4Page - Texas Instruments TPS7A3401_15 Datasheet HTML 5Page - Texas Instruments TPS7A3401_15 Datasheet HTML 6Page - Texas Instruments TPS7A3401_15 Datasheet HTML 7Page - Texas Instruments TPS7A3401_15 Datasheet HTML 8Page - Texas Instruments TPS7A3401_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2
1
3
4
7
8
6
5
FB
GND
GND
OUT
EN
GND
GND
IN
TPS7A3401
www.ti.com
SBVS163A – JUNE 2011 – REVISED MAY 2015
5 Pin Configuration and Functions
DGN Package
8-Pin HVSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OUT
1
O
Regulator output. A capacitor
≥ 2.2 µF must be tied from this pin to ground to ensure stability.
FB
2
I
This pin is the feedback pin that sets the output voltage of the device.
GND
3, 4, 6, 7
Ground
This pin turns the regulator ON or OFF. If VEN ≥ VEN(+HI) or VEN ≤ VEN(–HI), the regulator is
EN
5
I
enabled. If VEN(+LO) ≥ VEN ≥ VEN(–LO), the regulator is disabled. The EN pin can be connected to
IN, if not used. |VEN| ≤ |VIN|.
IN
8
I
Input supply. A capacitor
≥ 2.2 µF must be tied from this pin to ground to ensure stability.
Must either be left floating or tied to GND. Solder to printed-circuit-board (PCB) plane to enhance
PowerPAD
thermal performance.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A3401


Similar Part No. - TPS7A3401_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3401DGNR TI-TPS7A3401DGNR Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
TPS7A3401DGNT TI-TPS7A3401DGNT Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - TPS7A3401_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
logo
Anachip Corp
ADP7182 ANACHIP-ADP7182 Datasheet
768Kb / 28P
   ??8 V, ??00 mA, Low Noise, Linear Regulator
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
   5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A33 TI1-TPS7A33 Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
STMicroelectronics
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com