Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3401 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS7A3401
Description  TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A3401 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS7A3401_15 Datasheet HTML 10Page - Texas Instruments TPS7A3401_15 Datasheet HTML 11Page - Texas Instruments TPS7A3401_15 Datasheet HTML 12Page - Texas Instruments TPS7A3401_15 Datasheet HTML 13Page - Texas Instruments TPS7A3401_15 Datasheet HTML 14Page - Texas Instruments TPS7A3401_15 Datasheet HTML 15Page - Texas Instruments TPS7A3401_15 Datasheet HTML 16Page - Texas Instruments TPS7A3401_15 Datasheet HTML 17Page - Texas Instruments TPS7A3401_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
V
OUT
V
REF(nom)
- 1
R = R
1
2
1.2 V
1.176 V
- 1 = 2.04 kW
= 100 kW
V
FB
R
2
> 5 A
R
< 242.4 k
m
W
®
2
TPS7A3401
SBVS163A – JUNE 2011 – REVISED MAY 2015
www.ti.com
Typical Application (continued)
8.2.2 Detailed Design Procedure
The first step when designing with a linear regulator is to examine the maximum load current along with the input
and output voltage requirements to determine if the device thermal and dropout voltage requirements can be
met. At 150 mA, the input dropout voltage of the TPS7A3401 family is a maximum of 800 mV over temperature;
therefore, the dropout headroom of 1.8 V is sufficient for operation over both input and output voltage accuracy.
Dropout headroom is calculated as VIN – VOUT – VDO(max), and should be greater than 0 for reliable operation.
VDO(max) is the maximum dropout allowed, given worst-case load conditions.
The maximum power dissipated in the linear regulator is the maximum voltage dropped across the pass element
from the input to the output, multiplied by the maximum load current. In this example, the maximum voltage drop
across in the pass element is |3 V – 1.2 V|, giving us a VDO = 1.8 V. The power dissipated in the pass element is
calculated by taking this voltage drop multiplied by the maximum load current. For this example, the maximum
power dissipated in the linear regulator is 0.273 W, and is calculated using Equation 2.
PD = (VDO) (IMAX) + (VIN) (IQ)
(2)
Once the power dissipated in the linear regulator is known, the corresponding junction temperature rise can be
calculated. To calculate the junction temperature rise above ambient, the power dissipated must be multiplied by
the junction-to-ambient thermal resistance. This calculation gives the worst-case junction temperature; good
thermal design can significantly reduce this number. For thermal resistance information, refer to Thermal
Information. For this example, using the DGN package, the maximum junction temperature rise is calculated to
be 17.3°C. The maximum junction temperature rise is calculated by adding junction temperature rise to the
maximum ambient temperature, which is 75°C for this example. For this example, the designer calculates the
maximum junction temperature is 92.3°C. Keep in mind the maximum junction temperate must be less than
125°C for reliable device operation. Additional ground planes, added thermal vias, and air flow all help to lower
the maximum junction temperature.
Use the following equations to pick the rest of the components:
To ensure stability under no-load conditions, the current through the resistor network must be greater than 5 µA,
as shown in Equation 3.
(3)
To set R2 = 100 kΩ for a standard 1% value resistor, we calculate R1 as shown in Equation 4.
(4)
Use a standard, 1%, 2.05-k
Ω resistor for R1.
For CIN, assume that the –3-V supply has some inductance, and is placed several inches away from the PCB.
For this case, we select a 2.2-µF ceramic input capacitor to ensure that the input impedance is negligible to the
LDO control loop while keep the physical size and cost of the capacitor low; this component is a common-value
capacitor.
For better PSRR for this design, use a 10-µF input and output capacitor. To reduce the peaks from transients but
slow down the recovery time, increase the output capacitor size or add additional output capacitors.
8.2.2.1 Capacitor Recommendations
Low-ESR capacitors should be used for the input, output, noise reduction, and feed-forward capacitors. Ceramic
capacitors with X7R and X5R dielectrics are preferred. These dielectrics offer more stable characteristics.
Ceramic X7R capacitors offer improved overtemperature performance, while ceramic X5R capacitors are the
most cost-effective and are available in higher values.
High-ESR capacitors may degrade PSRR.
8.2.2.1.1
Input and Output Capacitor Requirements
The TPS7A3401 negative, high-voltage linear regulator achieves stability with a minimum input and output
capacitance of 2.2
μF; however, TI highly recommends using a 10-μF capacitor to maximize AC performance.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A3401


Similar Part No. - TPS7A3401_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3401DGNR TI-TPS7A3401DGNR Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
TPS7A3401DGNT TI-TPS7A3401DGNT Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - TPS7A3401_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
logo
Anachip Corp
ADP7182 ANACHIP-ADP7182 Datasheet
768Kb / 28P
   ??8 V, ??00 mA, Low Noise, Linear Regulator
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
   5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A33 TI1-TPS7A33 Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
STMicroelectronics
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com