Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A3401 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7A3401
Description  TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A3401 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A3401_15 Datasheet HTML 1Page - Texas Instruments TPS7A3401_15 Datasheet HTML 2Page - Texas Instruments TPS7A3401_15 Datasheet HTML 3Page - Texas Instruments TPS7A3401_15 Datasheet HTML 4Page - Texas Instruments TPS7A3401_15 Datasheet HTML 5Page - Texas Instruments TPS7A3401_15 Datasheet HTML 6Page - Texas Instruments TPS7A3401_15 Datasheet HTML 7Page - Texas Instruments TPS7A3401_15 Datasheet HTML 8Page - Texas Instruments TPS7A3401_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS7A49
IN
+18V
OUT
EN
GND
-
18V
TPS7A34
IN
OUT
EN
GND
EVM
+15V
-
15V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7A3401
SBVS163A – JUNE 2011 – REVISED MAY 2015
TPS7A3401 –20-V, –200-mA, Low-Noise Negative Voltage Regulator
1 Features
3 Description
The TPS7A3401 device is a negative, high-voltage
1
Input Voltage Range: –3 V to –20 V
(–20-V),
low-noise
linear
regulator
capable
of
Noise:
sourcing a maximum load of 200 mA.
80
μVRMS (10 Hz to 100 kHz)
These linear regulators include a CMOS logic-level-
Power-Supply Ripple Rejection:
compatible enable pin. Other features available
50 dB (1 kHz)
include built-in current limit and thermal shutdown
protection to safeguard the device and system during
≥ 27 dB (10 Hz to 1 MHz)
fault conditions.
Adjustable Output:
The
TPS7A3401
is
designed
using
bipolar
Approximately –1.18 V to –18 V
technology,
and
is
ideal
for
instrumentation
Maximum Output Current: 200 mA
applications where clean voltage rails are critical for
Dropout Voltage: 500 mV at 100 mA
improving system performance. This design makes it
Stable With Ceramic Capacitors
≥ 2.2 μF
a
cost-effective
choice
to
power
operational
amplifiers,
analog-to-digital
converters
(ADCs),
CMOS Logic-Level-Compatible Enable Pin
digital-to-analog converters (DACs), and other analog
Built-In, Fixed, Current Limit, and Thermal
circuitry.
Shutdown Protection
In addition, the TPS7A3401 linear regulator is
Available in High Thermal Performance MSOP-8
suitable for cost-effective, post DC-DC converter
PowerPAD™ Package
regulation. By filtering out the output voltage ripple
Operating Temperature Range: –40°C to 125°C
inherent to DC-DC switching conversion, increased
system performance is provided in instrumentation
2 Applications
applications.
Cost-Effective Supply Rails for Op Amps, DACs,
Device Information(1)
ADCs, and Other High-Precision Analog Circuitry
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Cost-Effective Post DC-DC Converter Regulation
TPS7A3401
HVSSOP (8)
3.00 mm × 3.00 mm
and Ripple Filtering
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Post DC-DC Converter Regulation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS7A3401_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3401DGNR TI-TPS7A3401DGNR Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
TPS7A3401DGNT TI-TPS7A3401DGNT Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - TPS7A3401_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
logo
Anachip Corp
ADP7182 ANACHIP-ADP7182 Datasheet
768Kb / 28P
   ??8 V, ??00 mA, Low Noise, Linear Regulator
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
   5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A33 TI1-TPS7A33 Datasheet
593Kb / 22P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
STMicroelectronics
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com