Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT91L34IVF Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT91L34IVF
Description  China RoHS Fully Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L34IVF Datasheet(HTML) 2 Page - Exar Corporation

  XRT91L34IVF Datasheet HTML 1Page - Exar Corporation XRT91L34IVF Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Material Declaration
Statement of Materials, Construction
Product:  XRT91L34IV‐F 
Package:  128L LQFP‐TEP (14x14)
Halogen‐free | Green
Flammability rating of UL 94‐V0 
MSL Pb‐Free:  L4 @ 250°C
Chiew Mee Foo, QA Manager
Dodd‐Frank Wall Street Reform and Consumer Protection Act, July 21, 2010 
We comply with this conflict metal free policy that restricts the use of those conflict metals, mining from the Democratic Republic of Congo (DRC) and it’s 
adjoining countries.  Exar will not accept product which uses these conflict metals from these areas.  We require our suppliers to enforce this policy and be able 
to identify and verify from their sources of minerals are conflict free.  Suppliers are required to report if they or any supplier through their supply chain use any 
of these conflict metals that are derived from certain conflict minerals originating in the DRC or an adjoining country.  Exar Corporation is not aware of any 
conflict metals to be used in any of their products.
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No:  MDS‐00000368 Rev 000


Similar Part No. - XRT91L34IVF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L34IV EXAR-XRT91L34IV Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
XRT91L34IV-F EXAR-XRT91L34IV-F Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results

Similar Description - XRT91L34IVF

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5930Z AVAGO-AFBR-5930Z Datasheet
343Kb / 13P
   Fully RoHS compliant
logo
Diodes Incorporated
DMN61D8LQ DIODES-DMN61D8LQ Datasheet
510Kb / 7P
   Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
logo
Vishay Siliconix
RCG06030000Z0EA VISHAY-RCG06030000Z0EA Datasheet
136Kb / 7P
   Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors
Revision: 13-Feb-13
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com