Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT91L34IVF Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT91L34IVF
Description  China RoHS Fully Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L34IVF Datasheet(HTML) 1 Page - Exar Corporation

  XRT91L34IVF Datasheet HTML 1Page - Exar Corporation XRT91L34IVF Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Material Declaration
Statement of Materials, Construction
Product:  XRT91L34IV‐F 
Package:  128L LQFP‐TEP (14x14)
Name
Weight (mg)
CAS No.
Weight (mg)
/Total Unit
/ Component
1
Die
8.9260
7440‐21‐3
8.9260
1.35
100.00
2
Die Attach
1.4546
7440‐22‐4
1.3237
0.20
91.00
0.0436
0.01
3.00
0.0436
0.01
3.00
0.0436
0.01
3.00
3
Heat Spreader
125.2313
7429‐90‐2
116.2397
17.58
92.82
1344‐28‐1
8.9916
1.36
7.18
4
Die Attach
3.9670
7440‐22‐4
3.6100
0.55
2.88
0.1190
0.02
0.10
0.1190
0.02
0.10
0.1190
0.02
0.10
5
Mold Compound
423.0360
60676‐86‐0
368.8870
55.79
87.20
31.7280
4.80
7.50
21.1520
3.20
5.00
1333‐86‐4
1.2690
0.19
0.30
6
Lead Frame
93.9565
7440‐50‐8
88.8716
13.44
94.59
7439‐89‐6
0.0940
0.01
0.10
7440‐21‐3
0.6812
0.10
0.73
7439‐96‐5
0.0470
0.01
0.05
7440‐02‐0
3.0066
0.45
3.20
7440‐66‐6
0.4698
0.07
0.50
7439‐95‐4
0.1644
0.02
0.18
7440‐22‐4
0.4851
0.07
0.52
7440‐44‐0
0.0023
0.00
0.00
7727‐37‐9
0.0023
0.00
0.00
7782‐44‐7
0.0023
0.00
0.00
0.0879
0.01
0.09
9003‐18‐3
0.0147
0.00
0.02
79922‐55‐7
0.0147
0.00
0.02
28453‐20‐5
0.0126
0.00
0.01
7
Plating
3.6370
7440‐31‐5
3.6350
0.55
99.95
0.0020
0.00
0.05
8
Wire 
0.9920
7440‐57‐5
0.9920
0.15
100.00
0.0000
0.00
0.00
Total Unit Weight:
661.2004
RoHS Certificate of Compliance
China RoHS | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
RoHS‐6 | Fully Compliant
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
Non Use of PFOS & PFOA
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
REACH | Fully Compliant
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
AL
Epoxy Resin B
Silica Fused
Al2O3
Silver
Epoxy Resin A
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Allowable Limit                   (at 
homogenous material level)
EU RoHS Restricted Substance
Impurity
*Phenol Resin
Gold
Synthetic Resin
Tin
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Carbon Black
*Bismaleimide
Fe
Si
Mn
Ni
Zn
Mg
Ag
C
N
O
*Polyimide
Impurity
Material Weight %
Component
Silicon
Element/Compound
*NBR
Epoxy Resin B
Material
Silver
Synthetic Resin
Epoxy Resin A
Cu
Epoxy Resin
Phenol Resin
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No:  MDS‐00000368 Rev 000


Similar Part No. - XRT91L34IVF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L34IV EXAR-XRT91L34IV Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
XRT91L34IV-F EXAR-XRT91L34IV-F Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results

Similar Description - XRT91L34IVF

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5930Z AVAGO-AFBR-5930Z Datasheet
343Kb / 13P
   Fully RoHS compliant
logo
Diodes Incorporated
DMN61D8LQ DIODES-DMN61D8LQ Datasheet
510Kb / 7P
   Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
logo
Vishay Siliconix
RCG06030000Z0EA VISHAY-RCG06030000Z0EA Datasheet
136Kb / 7P
   Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors
Revision: 13-Feb-13
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com