Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A9001 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A9001
Description  50 MHz to 1000 MHz Frequency Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A9001 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A9001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A9001 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE15A9001 REV 1.0
37 dBm IP3, 1.5 dB NF, Linear Amplifier, 23 dBm P1dB,
50 MHz to 1,000 MHz, 15 dB Gain, SMA
PE15A9001 CAD Drawing


Similar Part No. - PE15A9001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A9001

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
BLK-711N SYNERGY-BLK-711N Datasheet
31Kb / 1P
   FREQUENCY RANGE: 1 - 1000 MHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
logo
Analog Devices
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com