Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB017N10N5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB017N10N5
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB017N10N5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB017N10N5 Datasheet HTML 1Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 2Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 3Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 4Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 5Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 6Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 7Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 8Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
OptiMOSª5Power-Transistor,100V
IPB017N10N5
Rev.2.2,2015-10-15
Final Data Sheet
4Electricalcharacteristics
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
100
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
VGS(th)
2.2
3
3.8
V
VDS=VGS,ID=279µA
Zero gate voltage drain current
IDSS
-
-
0.1
10
5
100
µA
VDS=100V,VGS=0V,Tj=25°C
VDS=100V,VGS=0V,Tj=125°C
Gate-source leakage current
IGSS
-
1
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
1.5
1.7
1.7
2.2
m
VGS=10V,ID=100A
VGS=6V,ID=50A
Gate resistance
1)
RG
-
1.3
2.0
-
Transconductance
gfs
132
264
-
S
|VDS|>2|ID|RDS(on)max,ID=100A
Table5Dynamiccharacteristics1)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
12000 15600 pF
VGS=0V,VDS=50V,f=1MHz
Output capacitance
Coss
-
1810
2353
pF
VGS=0V,VDS=50V,f=1MHz
Reverse transfer capacitance
Crss
-
80
140
pF
VGS=0V,VDS=50V,f=1MHz
Turn-on delay time
td(on)
-
33
-
ns
VDD=50V,VGS=10V,ID=100A,
RG,ext=1.6
Rise time
tr
-
23
-
ns
VDD=50V,VGS=10V,ID=100A,
RG,ext=1.6
Turn-off delay time
td(off)
-
80
-
ns
VDD=50V,VGS=10V,ID=100A,
RG,ext=1.6
Fall time
tf
-
27
-
ns
VDD=50V,VGS=10V,ID=100A,
RG,ext=1.6
Table6Gatechargecharacteristics2)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
53
-
nC
VDD=50V,ID=100A,VGS=0to10V
Gate to drain charge
1)
Qgd
-
34
51
nC
VDD=50V,ID=100A,VGS=0to10V
Switching charge
Qsw
-
51
-
nC
VDD=50V,ID=100A,VGS=0to10V
Gate charge total
1)
Qg
-
168
210
nC
VDD=50V,ID=100A,VGS=0to10V
Gate plateau voltage
Vplateau
-
4.4
-
V
VDD=50V,ID=100A,VGS=0to10V
Output charge
1)
Qoss
-
213
283
nC
VDD=50V,VGS=0V
1) Defined by design. Not subject to production test.
2) See
″Gate charge waveforms″ for parameter definition


Similar Part No. - IPB017N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB017N10N5LF INFINEON-IPB017N10N5LF Datasheet
1Mb / 11P
   OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
More results

Similar Description - IPB017N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com