Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB017N10N5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPB017N10N5
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB017N10N5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPB017N10N5 Datasheet HTML 1Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 2Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 3Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 4Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 5Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 6Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 7Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 8Page - Infineon Technologies AG IPB017N10N5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
OptiMOSª5Power-Transistor,100V
IPB017N10N5
Rev.2.2,2015-10-15
Final Data Sheet
2Maximumratings
atTA=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
ID
-
-
-
-
180
180
A
TC=25°C
TC=100°C
Pulsed drain current
1)
ID,pulse
-
-
720
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
979
mJ
ID=100A,RGS=25
Gate source voltage
VGS
-20
-
20
V
-
Power dissipation
Ptot
-
-
375
W
TC=25°C
Operating and storage temperature
Tj,Tstg
-55
-
175
°C
IEC climatic category;
DIN IEC 68-1: 55/175/56
3Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
0.3
0.4
K/W
-
Thermal resistance, junction - ambient,
minimal footprint
RthJA
-
-
62
K/W
-
Thermal resistance, junction - ambient,
6 cm
2 cooling area2)
RthJA
-
-
40
K/W
-
Soldering temperature and reflow
soldering is allowed
Tsold
-
-
260
°C
reflow MSL1
1) see Diagram 3 for more detailed information.
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain connection.
PCB is vertical in still air.


Similar Part No. - IPB017N10N5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB017N10N5AT ISC-IPB017N10N5AT Datasheet
335Kb / 3P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPB017N10N5LF INFINEON-IPB017N10N5LF Datasheet
1Mb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
More results

Similar Description - IPB017N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
N-channel, normal level
Rev. 1.091 2013-07-25
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
N-channel, normal level
Rev. 2.07 2014-01-09
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
N-channel, normal level
2010-01-21 revision:2.2
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.0,2014-12-17
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.1,2015-02-23
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
N-channel, normal level
Rev. 1.091 2013-07-25
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
N-channel, normal level
Rev. 2.2 2014-05-19
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
N-channel, normal level
Rev.2.1,2014-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com