Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_342 Datasheet(PDF) 8 Page - Glenair, Inc.

Part # 050_342
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_342 Datasheet(HTML) 8 Page - Glenair, Inc.

Back Button 050_342 Datasheet HTML 4Page - Glenair, Inc. 050_342 Datasheet HTML 5Page - Glenair, Inc. 050_342 Datasheet HTML 6Page - Glenair, Inc. 050_342 Datasheet HTML 7Page - Glenair, Inc. 050_342 Datasheet HTML 8Page - Glenair, Inc. 050_342 Datasheet HTML 9Page - Glenair, Inc. 050_342 Datasheet HTML 10Page - Glenair, Inc. 050_342 Datasheet HTML 11Page - Glenair, Inc. 050_342 Datasheet HTML 12Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
©2013 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 8 of 15
E-mail: sales@glenair.com
050-342 Product Brief
PCB Mount CWDM Transceiver
100 Mbps – 2.5 Gbps, SMF, 3.3V
FIGURE 3
RECOMMENDED PCB MOUNT TRANSCEIVER HOST BOARD SCHEMATIC
The PCB mount transceiver features EEPROM for Serial ID, which contains the product data stored for retrieval by host
equipment. This data is accessed via the 2-wire serial EEPROM protocol of the ATMEL AT24C01A or similar, in
compliance with the industry standard SFP Multi-Source Agreement. The base EEPROM memory, bytes 0-255 at
memory address 0xA0, is organized in compliance with SFF-8074i. The I2C accessible memory page address 0xB0 is
used internally by SFP for the test and diagnostic purposes and it is reserved.
As an enhancement to the conventional SFP interface defined in SFF-8074i, the PCB mount Transceiver is compliant to
SFF-8472 (digital diagnostic interface for optical transceivers). This new digital diagnostic information is stored in bytes 0-
255 at memory address 0xA2.Using the 2-wire serial interface defined in the MSA, the PCB mount Transceiver provides
real time temperature, supply voltage, laser bias current, laser average output power and received input power. These
parameters are internally calibrated, per the SFF-8472 MSA. The digital diagnostic interface also adds the capability to


Similar Part No. - 050_342

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
More results

Similar Description - 050_342

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_333 GLENAIR-050_333 Datasheet
415Kb / 13P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com