Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555CBA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICM7555CBA
Description  General Purpose Timers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7555CBA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICM7555CBA Datasheet HTML 3Page - Intersil Corporation ICM7555CBA Datasheet HTML 4Page - Intersil Corporation ICM7555CBA Datasheet HTML 5Page - Intersil Corporation ICM7555CBA Datasheet HTML 6Page - Intersil Corporation ICM7555CBA Datasheet HTML 7Page - Intersil Corporation ICM7555CBA Datasheet HTML 8Page - Intersil Corporation ICM7555CBA Datasheet HTML 9Page - Intersil Corporation ICM7555CBA Datasheet HTML 10Page - Intersil Corporation ICM7555CBA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN2867.9
August 24, 2006
Typical Performance Curves
FIGURE 4. MINIMUM PULSE WIDTH REQUIRED FOR
TRIGGERING
FIGURE 5. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 6. OUTPUT SOURCE CURRENT vs OUTPUT VOLTAGE
FIGURE 7. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
FIGURE 8. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
FIGURE 9. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE
TA = 25°C
VDD = 2V
VDD = 18V
LOWEST VOLTAGE LEVEL OF
TRIGGER PULSE (%VDD)
VDD = 5V
010
20
30
40
0
1200
1100
1000
900
800
700
600
500
400
300
200
100
SUPPLY VOLTAGE (V)
TA = 25°C
TA = -20°C
TA = 70°C
0
2
4
6
8
10
121416
18
20
0
200
180
160
140
120
100
80
60
40
20
400
360
320
280
240
200
160
120
80
40
0
TA = 25°C
VDD = 2V
VDD = 5V
VDD = 18V
-100
-10.0
-1.0
-0.1
-0.01
-0.1
-1.0
-10
OUTPUT VOLTAGE REFERENCED TO VDD (V)
TA = -20°C
OUTPUT LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
TA = 25°C
OUTPUT LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
TA = 70°C
OUTPUT LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
ICM7555, ICM7556


Similar Part No. - ICM7555CBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
287Kb / 12P
   General Purpose Timers
ICM7555CBA-T INTERSIL-ICM7555CBA-T Datasheet
287Kb / 12P
   General Purpose Timers
ICM7555CBAZ INTERSIL-ICM7555CBAZ Datasheet
287Kb / 12P
   General Purpose Timers
ICM7555CBAZ-T INTERSIL-ICM7555CBAZ-T Datasheet
287Kb / 12P
   General Purpose Timers
More results

Similar Description - ICM7555CBA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
   general-purpose timers
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com