Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555CBA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICM7555CBA
Description  General Purpose Timers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7555CBA Datasheet(HTML) 5 Page - Intersil Corporation

  ICM7555CBA Datasheet HTML 1Page - Intersil Corporation ICM7555CBA Datasheet HTML 2Page - Intersil Corporation ICM7555CBA Datasheet HTML 3Page - Intersil Corporation ICM7555CBA Datasheet HTML 4Page - Intersil Corporation ICM7555CBA Datasheet HTML 5Page - Intersil Corporation ICM7555CBA Datasheet HTML 6Page - Intersil Corporation ICM7555CBA Datasheet HTML 7Page - Intersil Corporation ICM7555CBA Datasheet HTML 8Page - Intersil Corporation ICM7555CBA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN2867.9
August 24, 2006
Schematic Diagram
Application Information
General
The ICM7555 and ICM7556 devices are, in most instances,
direct replacements for the NE/SE 555/6 devices. However,
it is possible to effect economies in the external component
count using the ICM7555 and ICM7556. Because the bipolar
NE/SE 555/6 devices produce large crowbar currents in the
output driver, it is necessary to decouple the power supply
lines with a good capacitor close to the device. The ICM7555
and ICM7556 devices produce no such transients. See
Figure 1.
The ICM7555 and ICM7556 produce supply current spikes
of only 2mA - 3mA instead of 300mA - 400mA and supply
decoupling is normally not necessary. Also, in most
instances, the CONTROL VOLTAGE decoupling capacitors
are not required since the input impedance of the CMOS
comparators on chip are very high. Thus, for many
applications, two capacitors can be saved using an ICM7555
and three capacitors with an ICM7556.
POWER SUPPLY CONSIDERATIONS
Although the supply current consumed by the ICM7555 and
ICM7556 devices is very low, the total system supply current
can be high unless the timing components are high
impedance. Therefore, use high values for R and low values
for C in Figures 2A, 2B, and 3.
RESET
DISCHARGE
TRIGGER
THRESHOLD
GND
OUTPUT
CONTROL
VOLTAGE
R
NN
NPN
P
R
R
VDD
N
N
N
N
N
P
P
N
N
P
P
P
R = 100k
Ω ±20% (TYP)
TIME (ns)
400
800
600
200
0
0
100
200
300
400
500
SE/NE555
TA = 25°C
ICM7555/56
FIGURE 1. SUPPLY CURRENT TRANSIENT COMPARED WITH
A STANDARD BIPOLAR 555 DURING AN OUTPUT
TRANSITION
GND
TRIGGER
RESET
1
2
3
4
8
7
6
5
VDD
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
VDD
10K
OPTIONAL
CAPACITOR
C
VDD
R
FIGURE 2A. ASTABLE OPERATION
ICM7555, ICM7556


Similar Part No. - ICM7555CBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
218Kb / 11P
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
287Kb / 12P
General Purpose Timers
ICM7555CBA-T INTERSIL-ICM7555CBA-T Datasheet
287Kb / 12P
General Purpose Timers
ICM7555CBAZ INTERSIL-ICM7555CBAZ Datasheet
287Kb / 12P
General Purpose Timers
ICM7555CBAZ-T INTERSIL-ICM7555CBAZ-T Datasheet
287Kb / 12P
General Purpose Timers
More results

Similar Description - ICM7555CBA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com