Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555CBA Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7555CBA
Description  General Purpose Timers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7555CBA Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7555CBA Datasheet HTML 1Page - Intersil Corporation ICM7555CBA Datasheet HTML 2Page - Intersil Corporation ICM7555CBA Datasheet HTML 3Page - Intersil Corporation ICM7555CBA Datasheet HTML 4Page - Intersil Corporation ICM7555CBA Datasheet HTML 5Page - Intersil Corporation ICM7555CBA Datasheet HTML 6Page - Intersil Corporation ICM7555CBA Datasheet HTML 7Page - Intersil Corporation ICM7555CBA Datasheet HTML 8Page - Intersil Corporation ICM7555CBA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN2867.9
August 24, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V
Input Voltage
Trigger, Control Voltage, Threshold,
Reset (Note 1) . . . . . . . . . . . . . . . . . . . . . V+ +0.3V to GND -0.3V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Operating Conditions
Temperature Range
ICM7555C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ICM7555I, ICM7556I . . . . . . . . . . . . . . . . . . . . . . -25°C to +85°C
ICM7556M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Thermal Resistance (Typical, Note 2)
θJA (°C/W) θJC (°C/W)
14 Lead CERDIP Package. . . . . . . . . .
80
24
14 Lead PDIP Package* . . . . . . . . . . .
115
N/A
8 Lead PDIP Package* . . . . . . . . . . . .
130
N/A
8 Lead SOIC Package . . . . . . . . . . . . .
170
N/A
Maximum Junction Temperature (Hermetic Package) . . . . . . . +175°C
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(SOIC - Lead Tips Only)
* Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater than
V+ +0.3V or less than V- -0.3V may cause destructive latchup. For this reason it is recommended that no inputs from external sources not
operating from the same power supply be applied to the device before its power supply is established. In multiple supply systems, the supply
of the ICM7555 and ICM7556 must be turned on first.
2.
θ
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details.
Electrical Specifications
Applies to ICM7555 and ICM7556, unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
TA = +25°C
(NOTE 4)
-55°C TO
+125°C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Static Supply Current
IDD
ICM7555
VDD = 5V
40
200
300
μA
VDD = 15V
60
300
300
μA
ICM7556
VDD = 5V
80
400
600
μA
VDD = 15V
120
600
600
μA
Monostable Timing Accuracy
RA = 10K, C = 0.1μF, VDD = 5V
2
%
858
1161
μs
Drift with Temperature
(Note 3)
VDD = 5V
150
ppm/
°C
VDD = 10V
200
ppm/
°C
VDD = 15V
250
ppm/
°C
Drift with Supply (Note 3)
VDD = 5V to 15V
0.5
0.5
%/V
Astable Timing Accuracy
RA = RB = 10K, C = 0.1μF, VDD = 5V
2
%
1717
2323
μs
Drift with Temperature
(Note 3)
VDD = 5V
150
ppm/
°C
VDD = 10V
200
ppm/
°C
VDD = 15V
250
ppm/
°C
Drift with Supply (Note 3)
VDD = 5V to 15V
0.5
0.5
%/V
Threshold Voltage
VTH
VDD = 15V
62677161
72
% VDD
Trigger Voltage
VTRIG
VDD = 15V
28323627
37
% VDD
Trigger Current
ITRIG
VDD = 15V
10
50
nA
Threshold Current
ITH
VDD = 15V
10
50
nA
Control Voltage
VCV
VDD = 15V
62677161
72
% VDD
ICM7555, ICM7556


Similar Part No. - ICM7555CBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
218Kb / 11P
   Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
287Kb / 12P
   General Purpose Timers
ICM7555CBA-T INTERSIL-ICM7555CBA-T Datasheet
287Kb / 12P
   General Purpose Timers
ICM7555CBAZ INTERSIL-ICM7555CBAZ Datasheet
287Kb / 12P
   General Purpose Timers
ICM7555CBAZ-T INTERSIL-ICM7555CBAZ-T Datasheet
287Kb / 12P
   General Purpose Timers
More results

Similar Description - ICM7555CBA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
   general-purpose timers
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com