Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7250GVIO Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7250GVIO_15 Datasheet HTML 15Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 16Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 17Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 18Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 19Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 20Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 21Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 22Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TLE7250GVIO
Application Information
Data Sheet
19
Rev. 1.1, 2014-04-23
8
Application Information
8.1
ESD Immunity According to IEC61000-4-2
Tests for ESD immunity according to IEC61000-4-2, “GUN test” (150 pF, 330
Ω), have been performed. The
results and test conditions are available in a separate test report.
Table 7
ESD Immunity according to IEC61000-4-2
Test performed
Result
Unit
Remarks
Electrostatic discharge voltage at CANH and
CANL pins against GND
≥ +8
kV
1)Positive pulse
1) ESD susceptibility “ESD GUN” according to GIFT / ICT paper: “EMC Evaluation of CAN Transceivers, version 03/02/ IEC
TS 62228”, section 4.3. (DIN EN 61000-4-2)
Tested by external test house (IBEE Zwickau, EMC test report no.: 05-12-11).
Electrostatic discharge voltage at CANH and
CANL pins against GND
≤ -8
kV
1)Negative pulse


Similar Part No. - TLE7250GVIO_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
More results

Similar Description - TLE7250GVIO_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com