Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7250GVIO Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7250GVIO_15 Datasheet HTML 11Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 12Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 13Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 14Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 15Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 16Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 17Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 18Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TLE7250GVIO
Electrical Characteristics
Data Sheet
15
Rev. 1.1, 2014-04-23
7
Electrical Characteristics
7.1
Functional Device Characteristics
Table 6
Electrical Characteristics
4.5 V <
V
CC <5.5 V; 3.0V< VIO <5.5 V; RL =60 Ω; -40 °C< Tj <+150 °C; all voltages with respect to ground;
positive current flowing into the pin; unless otherwise specified.
Pos. Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.
Current Consumption
7.1.1 Current consumption at
V
CC
I
CC
2
6
mA
“recessive” state;
V
TxD = VIO
7.1.2 Current consumption at
V
CC
I
CC
35
60
mA
“dominant” state;
V
TxD = “low”
7.1.3 Current consumption at
V
IO
I
IO
0.2
1
mA
normal-operating mode;
NEN = “low”
7.1.4 Current consumption
stand-by mode
I
CC(STB)
–4
15
μA
V
CC =VIO =5V,
TxD =
V
IO, NEN = VIO
7.1.5 Current consumption
stand-by mode
I
IO(STB)
–2
10
μA
V
CC =VIO =5V,
TxD =
V
IO, NEN = VIO
Supply Reset
7.1.6
V
CC undervoltage monitor
V
CC(UV)
1.3
3.2
4.3
V
7.1.7
V
CC undervoltage monitor
hysteresis
V
CC(UV,H)
400
mV
1)
7.1.8
V
IO undervoltage monitor
V
IO(UV)
1.0
2.4
3.0
V
7.1.9
V
IO undervoltage monitor
hysteresis
V
IO(UV,H)
200
mV
1)
7.1.10
V
CC and VIO undervoltage
delay time
t
Delay(UV)
––
50
μs
1) (see Figure 6)
Receiver Output: RxD
7.1.11 “High” level output current
I
RD,H
–-4
-2
mA
V
RxD = VIO -0.4 V,
V
DIFF <0.5 V
7.1.12 “Low” level output current
I
RD,L
24
mA
VRxD =0.4 V,
V
DIFF > 0.9 V
Transmission Input: TxD
7.1.13 “High” level input voltage
threshold
V
TD,H
–0.5
×
V
IO
0.7
×
V
IO
V
“recessive” state
7.1.14 “Low” level input voltage
threshold
V
TD,L
0.3
×
V
IO
0.4
×
V
IO
V
“dominant” state
7.1.15 TxD pull-up resistance
R
TD
10
25
50
k
Ω
7.1.16 TxD input hysteresis
V
HYS(TxD)
800
mV
1)
7.1.17 TxD permanent “dominant”
disable time
t
TxD
0.3
1.0
ms


Similar Part No. - TLE7250GVIO_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
More results

Similar Description - TLE7250GVIO_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com