Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7250GVIO Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7250GVIO_15 Datasheet HTML 10Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 11Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 12Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 13Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 14Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 15Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 16Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 17Page - Infineon Technologies AG TLE7250GVIO_15 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
14
Rev. 1.1, 2014-04-23
TLE7250GVIO
General Product Characteristics
6.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the associated electrical characteristics table.
6.3
Thermal Characteristics
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information,
please visit www.jedec.org.
Table 4
Operating Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply Voltage
6.2.1
Transceiver supply voltage
VCC
4.5
5.5
V
6.2.2
Logical supply voltage
VIO
3.0
5.5
V
Thermal Parameter
6.2.3
Junction temperature
Tj
-40
150
°C
1)
1) Not subject to production test, specified by design
Table 5
Thermal Resistance1)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Typ.
Max.
Thermal Resistance
6.3.1
Junction to ambient1)
R
thJA
–130
K/W
2)
2) The
R
thJA value specified, is according to Jedec JESD51-2,-7 at natural convection on the FR4 2s2p board; The product
(TLE7250GVIO) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm Cu).
Thermal Shut-down Junction Temperature
6.3.2
Thermal shut-down
temperature
T
JSD
150
175
200
°C
6.3.3
Thermal shut-down
hysteresis
ΔT–
10
K


Similar Part No. - TLE7250GVIO_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
More results

Similar Description - TLE7250GVIO_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com