Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20NFB60 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 20NFB60
Description  FRED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

20NFB60 Datasheet(HTML) 1 Page - National Instruments Corporation

  20NFB60_15 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
■定格・特性曲線
FIG.1
FIG.4
FIG.5
FIG.2
FIG.3
■OUTLINE DRAWING(mm)
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/Thermal Characteristics
2A Avg.
Volts
FRED
39
0
6
B
F
N
0
2
0
0
6
Item
Symbol
Conditions
Average Rectified Forward Current
IO
Tl=104℃
Tl=Lead Temperature
2.0
R.M.S. Forward Current
IF(RMS)
3.14
Storage Temperature Range
Tstg
−40∼+150
Surge Forward Current
IFSM
50 50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
A
A
動 作 接 合 温 度 範 囲
Operating Junction Temperature Range
Tjw
−40∼+150
く り 返 し ピ ー ク 逆 電 圧
Repetitive Peak Reverse Voltage
VRRM
600
V
Ta=25℃
1.15
Item
Conditions
Peak Reverse Current
Tj=25℃, VRM=VRRM
Thermal Resistance
接 合 部 ・ リ ー ド 間
Junction to Lead
Min.
Typ.
Max.
10
15
Symbol
IRM
Rth(j-l)
Peak Forward Voltage
VFM
Tj=25℃, IFM=2A
1.58
Unit
μA
V
℃/W
単体フイン無し
90
℃/W
*単体フイン無し / Without Fin or P.C. Board
Reverse Recovery Time
trr
IFM=2A, −di/dt=50 A/μs, Tj=25℃
35
ns
Rth(j-a)
接 合 部 ・ 周 囲 間
Junction to Ambient
■APPROX. NET WEIGHT:0.77g


Similar Part No. - 20NFB60_15

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
20NFB60_2015 NI-20NFB60_2015 Datasheet
328Kb / 1P
FRED
More results

Similar Description - 20NFB60_15

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA60_2015 NI-10DRA60_2015 Datasheet
110Kb / 1P
FRED
10ERA60_2015 NI-10ERA60_2015 Datasheet
95Kb / 1P
FRED
10ERB20_2015 NI-10ERB20_2015 Datasheet
107Kb / 1P
FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
FRED
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
FRED
20NFB60_2015 NI-20NFB60_2015 Datasheet
328Kb / 1P
FRED
30PFB60_2015 NI-30PFB60_2015 Datasheet
250Kb / 1P
FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
FRED
31DF2_2015 NI-31DF2_2015 Datasheet
91Kb / 1P
FRED
31DF4_2015 NI-31DF4_2015 Datasheet
479Kb / 1P
FRED
C16T20F-11A_2015 NI-C16T20F-11A_2015 Datasheet
135Kb / 1P
FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com