Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LS05 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IN74LS05
Description  This device contains idenpendent inverts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS05 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IN74LS05 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS05 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS05 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS05 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
IN74LS05
Hex Inverters
with Open-Drain Outputs
ORDERING INFORMATION
IN74LS05N Plastic
IN74LS05D SOIC
TA = -0° to 70° C for all packages
This device contains idenpendent inverts. It performs the Boolean
function Y=A. The open collector outputs require pull-up resistor to
perform correctly. Open-collector devices are often used to generate
higher VOH levels.
Rev. 00
Pull-Up Resistor Equations
RMAX=
RMIN=
N1(IOH) + N2(IIH)
VCC(Max) - VOL
VCC(Min) - VOH
(IOL + N3(IIL)
Where: N1(IOH)=total maximumoutput high current for all outputs tied to
pull-up resistor
N2(IIH)=total input high current for all inputs tied to pull-up
resistor
PIN ASSIGNMENT
N3(IIL)=total input low current for all inputs tied to pull-up
resistor
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
FUNCTION TABLE
Inputs
Output
A
Y
L
H
H
L


Similar Part No. - IN74LS05

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LS05 INTEGRAL-IN74LS05 Datasheet
99Kb / 3P
   Hex Inverters with Open-Drain Outputs
More results

Similar Description - IN74LS05

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74LS04 IKSEMICON-IN74LS04 Datasheet
156Kb / 4P
   This device contains six independent inverts
IN74LS06 IKSEMICON-IN74LS06 Datasheet
148Kb / 4P
   This device contains hex inverted buffers with open-collector
IN74LS86 IKSEMICON-IN74LS86 Datasheet
177Kb / 4P
   This device contains four independent 2-input Exclusive-OR gates
logo
Integrated Device Techn...
9DBU0931 IDT-9DBU0931 Datasheet
299Kb / 17P
   Device contains default configuration
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
[Old version datasheet]   This device contains a single gate which performs the logic NAND function
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
   This document contains a list of frequently
logo
IK Semicon Co., Ltd
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
   This device contains six independent gates each of which performs the logic INVERT function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com