Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LS05 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74LS05
Description  This device contains idenpendent inverts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS05 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74LS05 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS05 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS05 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS05 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74LS05
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, CL = 15 pF, TA=25°C, RL = 2 kΩ, tr =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay Time
32
ns
tPHL
Propagation Delay Time
28
ns
Figure 1. Switching Waveforms
NOTE A. CL includes probe and jig capacitance.
Figure 2. Test Circuit
Rev. 00


Similar Part No. - IN74LS05

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LS05 INTEGRAL-IN74LS05 Datasheet
99Kb / 3P
Hex Inverters with Open-Drain Outputs
More results

Similar Description - IN74LS05

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74LS04 IKSEMICON-IN74LS04 Datasheet
156Kb / 4P
This device contains six independent inverts
IN74LS06 IKSEMICON-IN74LS06 Datasheet
148Kb / 4P
This device contains hex inverted buffers with open-collector
IN74LS86 IKSEMICON-IN74LS86 Datasheet
177Kb / 4P
This device contains four independent 2-input Exclusive-OR gates
logo
Integrated Device Techn...
9DBU0931 IDT-9DBU0931 Datasheet
299Kb / 17P
Device contains default configuration
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
This device contains a single gate which performs the logic NAND function
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
This instruction sheet contains the assembly
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
This document contains the following chapters
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
This board contains the different MFP?셲
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
This document contains a list of frequently
logo
IK Semicon Co., Ltd
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
This device contains six independent gates each of which performs the logic INVERT function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com