Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E193 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E193
Description  ERROR DETECTION/ CORRECTION CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E193 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E193 Datasheet HTML 1Page - Micrel Semiconductor SY10E193 Datasheet HTML 2Page - Micrel Semiconductor SY10E193 Datasheet HTML 3Page - Micrel Semiconductor SY10E193 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E193
SY100E193
Micrel
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
IEE
Power Supply Current
mA
10E
112
134
112
134
112
134
100E
112
134
112
134
129
155
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
B to P1, P2, P3, P4
350
700
1000
350
700
1000
350
700
1000
B to P5
400
775
1150
400
775
1150
400
775
1150
EV/OD, BPAR to PGEN
350
650
850
350
650
850
350
650
850
B to PGEN
600
1000 1450
600
1000
1450
600
1000
1450
CLK to PARERR
300
550
850
300
550
850
300
550
850
tS
Set-up Time
ps
SHIFT
400
150
400
150
400
150
S-IN
300
50
300
50
300
50
HOLD
750
350
750
350
750
350
EN
500
250
500
250
500
250
EV/OD
1300
850
1300
850
1300
850
BPAR
1300
850
1300
850
1300
850
B
1700 1100
1700 1100
1700 1100
tH
Hold Time
ps
SHIFT
200
–150
200
–150
200
–150
S-IN
300
–50
300
–50
300
–50
HOLD
100
–350
100
–350
100
–350
EN
100
–250
100
–250
100
–250
EV/OD
–200 –850
—–200 –850
—–200 –850
BPAR
–200 –850
—–200 –850
—–200 –850
B
–300 –1100
—–300 –1100
—–300 –1100
tr
Rise/Fall Time
300
700
1100
300
700
1100
300
700
1100
ps
tf
20% to 80%
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E193JC
J28-1
Commercial
SY10E193JCTR
J28-1
Commercial
SY100E193JC
J28-1
Commercial
SY100E193JCTR
J28-1
Commercial


Similar Part No. - SY10E193

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JC MICREL-SY10E193JC Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JCTR MICREL-SY10E193JCTR Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JZ MICREL-SY10E193JZ Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
SY10E193JZTR MICREL-SY10E193JZTR Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results

Similar Description - SY10E193

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
logo
Renesas Technology Corp
ACS630MS RENESAS-ACS630MS Datasheet
676Kb / 3P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Intersil Corporation
ACS630MS INTERSIL-ACS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction Circuit)
January 1996
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com