Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E141 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E141
Description  8-BIT SHIFT REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E141 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E141 Datasheet HTML 1Page - Micrel Semiconductor SY10E141 Datasheet HTML 2Page - Micrel Semiconductor SY10E141 Datasheet HTML 3Page - Micrel Semiconductor SY10E141 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E141
SY100E141
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
IEE
Power Supply Current
mA
10E
131
157
131
157
131
157
100E
131
157
131
157
151
181
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
fSHIFT
Max. Shift Frequency
700
900
700
900
700
900
MHz
tPD
Propagation Delay to Output
ps
CLK
625
750
975
625
750
975
625
750
975
MR
600
725
975
600
725
975
600
725
975
tS
Set-up Time
ps
D
175
25
175
25
175
25
SEL0
350
200
350
200
350
200
SEL1
300
150
300
150
300
150
tH
Hold Time
ps
D
200
–25
200
–25
200
–25
SEL0
100
–200
100
–200
100
–200
SEL1
100
–150
100
–150
100
–150
tRR
Reset Recovery Time
900
700
900
700
900
700
ps
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
CLK, MR
tskew
Within-Device Skew
60
——
60
——
60
ps
1
tr
Rise/Fall Time
300
525
800
300
525
800
300
525
800
ps
tf
20% to 80%
Note:
1. Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - SY10E141

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
SY10E141JC MICREL-SY10E141JC Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
SY10E141JCTR MICREL-SY10E141JCTR Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
SY10E141JY MICREL-SY10E141JY Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
SY10E141JYTR MICREL-SY10E141JYTR Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
More results

Similar Description - SY10E141

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
8-bit Shift Register
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com