Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW8809 Datasheet(PDF) 1 Page - Intersil Corporation

Part # TW8809
Description  Low Cost Video Format Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

TW8809 Datasheet(HTML) 1 Page - Intersil Corporation

  TW8809_15 Datasheet HTML 1Page - Intersil Corporation TW8809_15 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DATASHEET
To request the full datasheet, please visit www.intersil.com/products/tw8809
Low Cost Video Format Converter
TW8809
The TW8809 is a low cost video format converter that can take
either analog CVBS or 24-bit digital RGB format video and
output these signals in ITU-R.656 format. The video sources
can be scaled and deinterlaced, so that the ITU-R BT.656
output is already formatted to the desired resolution and in
progressive format. In addition, the TW8809 has built-in OSD
and image enhancement capabilities.
Applications
• Rear seat entertainment
• Radio head unit
Features
Analog Video Decoder
• NTSC (M, 4.43) and PAL (B, D, G, H, I, M, N, N combination),
PAL (60), SECAM with automatic format detection
• Selectable differential or single ended CVBS input
• Supports two differential or 4 single-ended CVBS inputs
• 10-bit ADC and analog clamping circuit
• Fully programmable static gain or automatic gain control for
the Y or CVBS channel
• Programmable white peak control for the Y or CVBS channel
• High quality adaptive 2D comb filter for both NTSC and PAL
inputs
• PAL delay line for color phase error correction
• Image enhancement with 2D dynamic peaking and CTI
• Digital sub-carrier PLL for accurate color decoding
• Digital horizontal PLL and advanced synchronization
processing for VCR playback and weak signal performance
• Programmable hue, brightness, saturation, contrast and
sharpness
Digital Input
• Supports YCbCr/RGB 24-bit input
• Supports both BT.656 and BT.601 video formats
• Supports input resolutions up to 720p
Digital Output
• ITU-R BT.656 compatible YCbCr (4:2:2) output format
• Progressive ITU-R BT.656 output format for both interlaced
and progressive inputs
• Output resolution up to SVGA (pseudo BT.656)
On Screen Display
• 256 font RAM and 512 display RAM
• Four windows font OSD with bordering/shadowing
• 1/2/3/4 bits/pixel
• Supports variable width (12/16), height (2~32)
Image Processing
• High quality scaler with both up/down and nonlinear scaling
support
• Panorama/water-glass scaling
• Built-in 2D deinterlacing function
• Programmable hue, brightness, saturation, contrast and
sharpness
• Programmable cropping of input video and graphics
• Independent RGB gain and offset controls
• Programmable 8-bit Gamma correction for each color
• Operates in frame sync mode
•Black/white Stretch
Clock Generation
• Spread spectrum clock
• Selectable modulation frequency and spread width
Power Management
• Supports functional based independent power-down
• 1.8/3.3 V operation
Miscellaneous
• Short to battery detection test
• Short to ground detection test
• Supports 2-wire serial bus interface
•Single 27MHz crystal
• 56 lead QFN (with wettable flanks)
October 14, 2014
FN8598.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - TW8809_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
More results

Similar Description - TW8809_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
Video Format Converter
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
Dual-Channel Video Format Converter
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
High-Definition Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
logo
Linear Technology
LT1252 LINER-LT1252 Datasheet
221Kb / 8P
Low Cost Video Amplifier
LT1252 LINER-LT1252_15 Datasheet
201Kb / 8P
Low Cost Video Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com