Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # LM2574
Description  52kHz Simple 0.5A Buck Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2574 Datasheet(HTML) 1 Page - Micrel Semiconductor

  LM2574 Datasheet HTML 1Page - Micrel Semiconductor LM2574 Datasheet HTML 2Page - Micrel Semiconductor LM2574 Datasheet HTML 3Page - Micrel Semiconductor LM2574 Datasheet HTML 4Page - Micrel Semiconductor LM2574 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 2003
1
M9999-122303
LM2574
Micrel
LM2574
52kHz Simple 0.5A Buck Regulator
General Description
The LM2574 family is a series of easy to use fixed and
adjustable switching voltage regulators. The LM2574 con-
tains all of the active circuitry necessary to construct a
stepdown (buck) switching regulator and requires a minimum
of external components.
The LM2574 is available in 3.3V and 5V fixed output versions,
or an adjustable version with an output voltage range of 1.23V
to 37V. Output voltage is guaranteed to
±4% for specified
input and load conditions.
The LM2574 can supply 0.5A while maintaining excellent line
and load regulation. The output switch includes cycle-by-
cycle current limiting, as well as thermal shutdown for full
protection under fault conditions.
An external shutdown connection selects operating or standby
modes. Standby current is less than 200
µA.
Heat sinks are generally unnecessary due the regulator’s
high efficiency. Adequate heat transfer is usually provided by
soldering all package pins to a printed circuit board.
The LM2574 includes internal frequency compensation and
an internal 52kHz fixed frequency oscillator guaranteed to
±10% of the frequency.
Circuits constructed around the LM2574 use a standard
series of inductors which are available from several different
manufacturers.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Typical Application
VIN
PWR
GND
SIG
GND
ON/
OFF
OUT
FB
LM2574
CIN
22µF
40V MAX
UNREGULATED
DC IN
REGULATED
OUTPUT
0.5A
11DQ05
COUT
220µF
330µH
Figure 1. Fixed Output Regulator Circuit
Features
• 3.3V, 5V, 12V, and adjustable output versions
• Adjustable version output 1.23V to 37V
±4% max. over
line and load conditions.
• Guaranteed 0.5A output current
• Wide input voltage, up to 40V
• Thermal shutdown and current limit protection
• Requires only 4 external components.
• Shutdown capability (standby mode)
• Low power standby mode < 200
µA Typical
• High-efficiency
• 52kHz fixed frequency internal oscillator
• Uses standard inductors
Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive to negative converter (buck-boost)
Ordering Information
Part Number
Junction Temp. Range
Package
LM2574BN
–40
°C to +85°C
8-pin Plastic DIP
LM2574-3.3BN
–40
°C to +85°C
8-pin Plastic DIP
LM2574-5.0BN
–40
°C to +85°C
8-pin Plastic DIP
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - LM2574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2574 ONSEMI-LM2574 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - LM2574

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com