Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27L512 Datasheet(PDF) 9 Page - Macronix International

Part # MX27L512
Description  512K-BIT [64K x 8] CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27L512 Datasheet(HTML) 9 Page - Macronix International

Back Button MX27L512 Datasheet HTML 5Page - Macronix International MX27L512 Datasheet HTML 6Page - Macronix International MX27L512 Datasheet HTML 7Page - Macronix International MX27L512 Datasheet HTML 8Page - Macronix International MX27L512 Datasheet HTML 9Page - Macronix International MX27L512 Datasheet HTML 10Page - Macronix International MX27L512 Datasheet HTML 11Page - Macronix International MX27L512 Datasheet HTML 12Page - Macronix International MX27L512 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
P/N:PM0256
REV. 2.6, AUG. 26, 2003
MX27L512
PLASTIC PACKAGE
PART NO.
ACCESS TIME(ns) OPERATING
STANDBY
OPERATING
PACKAGE
CURRENT MAX.(mA)
CURRENT MAX.(uA)
TEMPERATURE
MX27L512PC-12
120
10
10
0°C to 70°C
28 Pin DIP
MX27L512QC-12
120
10
10
0°C to 70°C
32 Pin PLCC
MX27L512TC-12
120
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L512PC-15
150
10
10
0°C to 70°C
28 Pin DIP
MX27L512QC-15
150
10
10
0°C to 70°C
32 Pin PLCC
MX27L512TC-15
150
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L512PC-20
200
10
10
0°C to 70°C
28 Pin DIP
MX27L512QC-20
200
10
10
0°C to 70°C
32 Pin PLCC
MX27L512TC-20
200
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L512PC-25
250
10
10
0°C to 70°C
28 Pin DIP
MX27L512QC-25
250
10
10
0°C to 70°C
32 Pin PLCC
MX27L512TC-25
250
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L512PI-12
120
10
10
-40°C to 85°C
28 Pin DIP
MX27L512QI-12
120
10
10
-40°C to 85°C
32 Pin PLCC
MX27L512TI-12
120
10
10
-40°C to 85°C
28 Pin TSOP(I)
MX27L512PI-15
150
10
10
-40°C to 85°C
28 Pin DIP
MX27L512QI-15
150
10
10
-40°C to 85°C
32 Pin PLCC
MX27L512TI-15
150
10
10
-40°C to 85°C
28 Pin TSOP(I)
MX27L512PI-20
200
10
10
-40°C to 85°C
28 Pin DIP
MX27L512QI-20
200
10
10
-40°C to 85°C
32 Pin PLCC
MX27L512TI-20
200
10
10
-40°C to 85°C
28 Pin TSOP(I)
MX27L512PI-25
250
10
10
-40°C to 85°C
28 Pin DIP
MX27L512QI-25
250
10
10
-40°C to 85°C
32 Pin PLCC
MX27L512TI-25
250
10
10
-40°C to 85°C
28 Pin TSOP(I)
ORDERING INFORMATION


Similar Part No. - MX27L512

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-12 MCNIX-MX27L1000MC-12 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-15 MCNIX-MX27L1000MC-15 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-20 MCNIX-MX27L1000MC-20 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L1000MC-25 MCNIX-MX27L1000MC-25 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
More results

Similar Description - MX27L512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com