Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10EXA Datasheet(PDF) 7 Page - Macronix International

Part # MX10EXA
Description  XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10EXA Datasheet(HTML) 7 Page - Macronix International

Back Button MX10EXA Datasheet HTML 3Page - Macronix International MX10EXA Datasheet HTML 4Page - Macronix International MX10EXA Datasheet HTML 5Page - Macronix International MX10EXA Datasheet HTML 6Page - Macronix International MX10EXA Datasheet HTML 7Page - Macronix International MX10EXA Datasheet HTML 8Page - Macronix International MX10EXA Datasheet HTML 9Page - Macronix International MX10EXA Datasheet HTML 10Page - Macronix International MX10EXA Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
P/N:PM0625 Specifications subject to change without notice, contact your sales representatives for the most update information. REV. 1.0, JUL. 01, 2005
MX10EXA
NAME
DESCRIPTION
SFR
BIT FUNCTIONS AND ADDRESSES
Reset
address
MSB
LSB
VALUE
227
226
225
224
223
222
221
220
PCON*
Power control register
404
---
---
---
---
---
---
PD
IDL
00
20F
20E
20D
20C
20B
20A
209
208
PSWH*
Program status word
401
SM
TM
RS1
RS0
IM3
IM2
IM1 I
M0
Note 2
(high byte)
207
206
205
204
203
202
201
200
PSWL*
Program status word
400
C
AC
---
---
---
V
N
Z
Note 2
(low byte)
217
216
215
214
213
212
211
210
PSW51* 80C51 compatible PSW
402
C
AC
F0
RS1
RS0
V
F1
P
Note 3
RTH0
Timer 0 extended reload,
455
00
high byte
RTH1
Timer 1 extended reload,
457
00
high byte
RTL0
Timer 0 extended reload,
454
00
low byte
RTL1
Timer 1 extended reload,
456
00
low byte
307
306
305
304
303
302
301
300
S0CON* Serial port 0 control register
420
SM0_0 SM1_0 SM2_0 REN_0 TB8_0 RB8_0 TI_0
RI_0
00
30F
30E
30D
30C
30B
30A
309
308
S0STAT* Serial port 0 extended status 421
---
---
---
---
FE0
BR0
OE0
STINT0
00
S0BUF
Serial port 0 buffer register
460
x
S0ADDR Serial port 0 address register 461
0
S0ADEN Serial port 0 address enable 462
00
register
327
326
325
324
323
322
321
320
S1CON* Serial port 1 control register
424
SM0_1 SM1_1 SM2_1 REN_1 TB8_1 RB8_1 TI_1
RI_1
00
32F
32E
32D
32C
32B
32A
329
328
S1STAT* Serial port 1 extended status
425
---
---
---
---
FE1
BR1
OE1
STINT1
00
S1BUF
Serial port 1 buffer register
464
x
S1ADDR Serial port 1 address register 465
00
S1ADEN Serial port 1 address enabler 466
00
register


Similar Part No. - MX10EXA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050I MCNIX-MX10E8050I Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IA MCNIX-MX10E8050IA Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IAQC MCNIX-MX10E8050IAQC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IPC MCNIX-MX10E8050IPC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
More results

Similar Description - MX10EXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com