Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10EXA Datasheet(PDF) 48 Page - Macronix International

Part # MX10EXA
Description  XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10EXA Datasheet(HTML) 48 Page - Macronix International

Back Button MX10EXA Datasheet HTML 44Page - Macronix International MX10EXA Datasheet HTML 45Page - Macronix International MX10EXA Datasheet HTML 46Page - Macronix International MX10EXA Datasheet HTML 47Page - Macronix International MX10EXA Datasheet HTML 48Page - Macronix International MX10EXA Datasheet HTML 49Page - Macronix International MX10EXA Datasheet HTML 50Page - Macronix International MX10EXA Datasheet HTML 51Page - Macronix International MX10EXA Datasheet HTML 52Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
48
P/N:PM0625 Specifications subject to change without notice, contact your sales representatives for the most update information. REV. 1.0, JUL. 01, 2005
MX10EXA
A4-A11 or A4-A19
* INSTR IN is either D0-D7 or D0-D15, depending on the bus width (8 or 16 bits).
Figure 22. External Data Memory Read Cycle (ALE Cycle)
A0 or A1-A3, A12-19
INSTR IN*
ALE
RD
MULTIPLEXED
ADDRESS AND DATA
UNMULTIPLEXED
ADDRESS
tAVLL
tLLRL
tLLAX
tRLDV
tAVDVA
tRLRH
tRHDZ
tDXUA
tRHDX
A4-A11
Figure 23. External Data Memory Read Cycle (Non-ALE Cycle)
A0-A3,A12-A19
A0-A3, A12-A19
D0-D7
DATA IN*
ALE
RD
MULTIPLEXED
ADDRESS AND DATA
UNMULTIPLEXED
ADDRESS
tAVDVB


Similar Part No. - MX10EXA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050I MCNIX-MX10E8050I Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IA MCNIX-MX10E8050IA Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IAQC MCNIX-MX10E8050IAQC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IPC MCNIX-MX10E8050IPC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
More results

Similar Description - MX10EXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com