Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10EXA Datasheet(PDF) 4 Page - Macronix International

Part # MX10EXA
Description  XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10EXA Datasheet(HTML) 4 Page - Macronix International

  MX10EXA Datasheet HTML 1Page - Macronix International MX10EXA Datasheet HTML 2Page - Macronix International MX10EXA Datasheet HTML 3Page - Macronix International MX10EXA Datasheet HTML 4Page - Macronix International MX10EXA Datasheet HTML 5Page - Macronix International MX10EXA Datasheet HTML 6Page - Macronix International MX10EXA Datasheet HTML 7Page - Macronix International MX10EXA Datasheet HTML 8Page - Macronix International MX10EXA Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
4
P/N:PM0625 Specifications subject to change without notice, contact your sales representatives for the most update information. REV. 1.0, JUL. 01, 2005
MX10EXA
PIN DESCRIPTIONS
MNEMONIC
PIN. NO.
TYPE
NAME AND FUNCTION
PLCC
LQFP
V SS
1, 22
16,39
I
Ground: 0V reference.
V DD
23, 44
17,38
I
Power Supply: This is the power supply voltage for normal, idle, and
power down operation.
P0.0-P0.7
43-36
37-30
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type.
Port 0 latches have 1s written to them and are configured in the quasi-
bidirectional mode during reset. The operation of port 0 pins as inputs
and outputs depends upon the port configuration selected. Each port
pin is configured independently. Refer to the section on I/O port con-
figuration and the DC Electrical Characteristics for details.
When the external program/data bus is used, Port 0 becomes the mul-
tiplexed low data/instruction byte and address lines 4 through 11.
P1.0-P1.7
2-9
40-44,
I/O
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type.
1-3
Port 1 latches have 1s written to them and are configured in the quasi-
bidirectional mode during reset. The operation of port 1 pins as inputs
and outputs depends upon the port configuration selected. Each port
pin is configured independently. Refer to the section on I/O port con-
figuration and the DC Electrical Characteristics for details.
Port 1 also provides special functions as described below.
240
O
A0/WRH: Address bit 0 of the external address bus when the external
data bus is configured for an 8 bit width. When the external data bus is
configured for a 16 bit width, this pin becomes the high byte write
strobe.
341
O
A1: Address bit 1 of the external address bus.
442
O
A2: Address bit 2 of the external address bus.
543
O
A3: Address bit 3 of the external address bus.
644
I
RxD1 (P1.4): Receiver input for serial port 1.
71
O
TxD1 (P1.5): Transmitter output for serial port 1.
8
2
I/O
T2 (P1.6): Timer/counter 2 external count input/clockout.
93
I
T2EX (P1.7): Timer/counter 2 reload/capture/direction control
P2.0-P2.7
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type.
Port 2 latches have 1s written to them and are configured in the quasi-
bidirectional mode during reset. The operation of port 2 pins as inputs
and outputs depends upon the port configuration selected. Each port
pin is configured independently. Refer to the section on I/O port con-
figuration and the DC Electrical Characteristics for details.
When the external program/data bus is used in 16-bit mode, Port 2
becomes the multiplexed high data/instruction byte and address lines
12 through 19. When the external program/data bus is used in 8-bit
mode, the number of address lines that appear on port 2 is user pro-
grammable.


Similar Part No. - MX10EXA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050I MCNIX-MX10E8050I Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IA MCNIX-MX10E8050IA Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IAQC MCNIX-MX10E8050IAQC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IPC MCNIX-MX10E8050IPC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
More results

Similar Description - MX10EXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com