Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10EXA Datasheet(PDF) 10 Page - Macronix International

Part # MX10EXA
Description  XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10EXA Datasheet(HTML) 10 Page - Macronix International

Back Button MX10EXA Datasheet HTML 6Page - Macronix International MX10EXA Datasheet HTML 7Page - Macronix International MX10EXA Datasheet HTML 8Page - Macronix International MX10EXA Datasheet HTML 9Page - Macronix International MX10EXA Datasheet HTML 10Page - Macronix International MX10EXA Datasheet HTML 11Page - Macronix International MX10EXA Datasheet HTML 12Page - Macronix International MX10EXA Datasheet HTML 13Page - Macronix International MX10EXA Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
10
P/N:PM0625 Specifications subject to change without notice, contact your sales representatives for the most update information. REV. 1.0, JUL. 01, 2005
MX10EXA
FFFFFh
Data Segment 0
0800h
07FFh
0400H
03FFh
0040h
003Fh
0020h
001Fh
0000h
DATA MEMORY
(INDIRECTLY ADDRESSED,
OFF-CHIP)
DATA MEMORY
(INDIRECTLY ADDRESSED,
ON CHIP)
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, ON CHIP)
BIT-ADDRESSABLE
DATA AREA
2K BYTES
ON-CHIP DATA
MEMORY (RAM)
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, ON CHIP)
Figure 1. XA Data Memory Map
FFFFFh
Other Data Segments
0400H
03FFh
0040h
003Fh
0020h
001Fh
0000h
DATA MEMORY
(INDIRECTLY ADDRESSED,
OFF-CHIP)
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, OFF-CHIP)
BIT-ADDRESSABLE
DATA AREA
DIRECTLY
ADDRESSED DATA
(1K PER SEGMENT)
DATA MEMORY
(DIRECTLY AND INDIRECTLY
ADDRESSABLE, OFF-CHIP)
Figure 1. XA Program Memory Map
FFFFFh
10000h
FFFFh
FFFFh
F800h
2K BYTE BOOT ROM
0000h
Note:The Boot ROM replaces the top 2K bytes of Flash memory
when it is enable via the xxx bit in xxx.
UP TO 1M BYTES
TOTAL CODE
MEMORY
64K BYTEs
ON-CHIP
CODE MEMORY


Similar Part No. - MX10EXA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050I MCNIX-MX10E8050I Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IA MCNIX-MX10E8050IA Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IAQC MCNIX-MX10E8050IAQC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IPC MCNIX-MX10E8050IPC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
More results

Similar Description - MX10EXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com