Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX10EXA Datasheet(PDF) 8 Page - Macronix International

Part # MX10EXA
Description  XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10EXA Datasheet(HTML) 8 Page - Macronix International

Back Button MX10EXA Datasheet HTML 4Page - Macronix International MX10EXA Datasheet HTML 5Page - Macronix International MX10EXA Datasheet HTML 6Page - Macronix International MX10EXA Datasheet HTML 7Page - Macronix International MX10EXA Datasheet HTML 8Page - Macronix International MX10EXA Datasheet HTML 9Page - Macronix International MX10EXA Datasheet HTML 10Page - Macronix International MX10EXA Datasheet HTML 11Page - Macronix International MX10EXA Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8
P/N:PM0625 Specifications subject to change without notice, contact your sales representatives for the most update information. REV. 1.0, JUL. 01, 2005
MX10EXA
NAME
DESCRIPTION
SFR
BIT FUNCTIONS AND ADDRESSES
Reset
address
MSB
LSB
VALUE
SCR
System configuration register 440
---
---
---
---
PT1
PT0
CM
PZ
00
21F
21E
21D
21C
21B
21A
219
218
SSEL*
Segment selection register
403
ESWEN R6SEG R5SEG R4SEG R3SEG R2SEG R1SEG R0SEG 00
SWE
Software Interrupt Enable
47A
---
SWE7 SWE6
SWE5
SWE4 SWE3 SWE2 SWE1 00
357
356
355
354
353
352
351
350
SWR*
Software Interrupt Request
42A
---
SWR7 SWR6 SWR5 SWR4 SWR3 SWR2 SWR1 00
2C7
2C6
2C5
2C4
2C3
2C2
2C1
2C0
T2CON* Timer 2 control register
418
TF2
EXF2
RCLK0 TCLK0 EXEN2 TR2
C/T2
CP/RL2
00
2CF
2CE
2CD
2CC
2CB
2CA
2C9
2C8
T2MOD* Timer 2 mode control
419
---
---
RCLK1 TCLK1 ---
---
T2OE DCEN 00
TH2
Timer 2 high byte
459
00
TL2
Timer 2 low byte
458
00
T2CAPH Timer 2 capture register,
45B
00
high byte
T2CAPL Timer 2 capture register,
45A
00
low byte
287
286
285
284
283
282
281
280
TCON*
Timer 0 and 1 control register 410
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00
TH0
Timer 0 high byte
451
00
TH1
Timer 1 high byte
453
00
TL0
Timer 0 low byte
450
00
TL1
Timer 1 low byte
452
00
TMOD
Timer 0 and 1 mode control
45C
GATE
C/T
M1
M0
GATE C/T
M1
M0
00
28F
28E
28D
28C
28B
28A
289
288
TSTAT*
Timer 0 and 1 extended status
411
---
---
---
---
---
T1OE
---
T0OE 00
2FF
2FE
2FD
2FC
2FB
2FA
2F9
2F8
WDCON* Watchdog control register
41F
PRE2
PRE1 PRE0
---
---
WDRUN
WDTOF
---
Note 6
WDL
Watchdog timer reload
45F
00
WFEED1 Watchdog feed 1
45D
x
WFEED2 Watchdog feed 2
45E
x


Similar Part No. - MX10EXA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050I MCNIX-MX10E8050I Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IA MCNIX-MX10E8050IA Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IAQC MCNIX-MX10E8050IAQC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
MX10E8050IPC MCNIX-MX10E8050IPC Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
More results

Similar Description - MX10EXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com