Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5200 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TDA5200
Description  Material Content Data Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5200 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TDA5200 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
TDA5200
Issued
7. September 2015
MA#
MA000226440
Package
PG-TSSOP-28-1
Weight*
106.95 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
2.077
1.94
1.94
19418
19418
leadframe
non noble metal
nickel
7440-02-0
14.398
13.46
134620
non noble metal
iron
7439-89-6
19.882
18.59
32.05
185904
320524
wire
noble metal
gold
7440-57-5
0.984
0.92
0.92
9197
9197
encapsulation
organic material
carbon black
1333-86-4
0.197
0.18
1844
plastics
epoxy resin
-
8.348
7.81
78051
inorganic material
silicondioxide
60676-86-0
57.184
53.47
61.46
534684
614579
leadfinish
non noble metal
tin
7440-31-5
1.559
1.46
1.46
14574
14574
plating
noble metal
silver
7440-22-4
1.416
1.32
1.32
13237
13237
glue
plastics
acrylic resin
-
0.181
0.17
1694
noble metal
silver
7440-22-4
0.725
0.68
0.85
6777
8471
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - TDA5200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200 Datasheet
1Mb / 39P
ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
More results

Similar Description - TDA5200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
Material Content Data Sheet
7. October 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
Material Content Data Sheet
27. August 2015
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
Material Content Data Sheet
29. June 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com